Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022V20WS11 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM4022V20WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
EM4022
MUTE and WAKE-UP timing diagrams
Fig. 7
WAKE-UP
An ACK sent after correct reception of a code is
interpreted by the other transponders in the field as a
WAKE-UP.
The ACK arrives synchronously at the
transponder
that
has
just
transmitted,
but
asynchronously at all the other transponders. If
necessary, a WAKE-UP can also be sent if the code is
not received correctly, ensuring that it will not be
interpreted as an ACK by the transmitting transponder.
This could speed up the protocol, but runs the risk of
turning transponders off by accident.
To detect a WAKE-UP, the chip checks for two GAPs,
less than 7 bits apart and each less than seven bits
wide. As with the MUTE allowance must made for the
spread in clock frequencies. To be safely interpreted as
a WAKE-UP, the GAPs should be sent less than 5 bits
apart, and each should be less than 5 bits wide.
This has an implication in the case of the high frequency
ACK, which could theoretically consist of two very narrow
GAPs 6 bits apart. In practice though, the GAPs will be
typically at least one bit wide, making the separation five
bits.
Like the MUTE, the low frequency ACK GAPs should be
at least 1.5 bits wide to serve as a reliable WAKE-UP.
It should be noted that failure to reliably recognise
WAKE-UPs is not critical. The protocol might be slowed
down marginally, but will still work, as the chips time-out
of the sleep mode automatically after 128 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com