Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022V20WS11 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM4022V20WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
EM4022
Free running example
Transponder 1
Transponder 2
Transponder 3
Data stream in collision
Data stream detected
Fig. 10
Bi-directional protocols
Allowing bi-directional communication between reader
and transponders can speed up the basic free-running
protocol.
Communication
from
the
reader
to
transponders is achieved by turning the illuminating
energy field off for short periods.
The transponders
detect these gaps in the energy transmission and
interpret them as required.
Switch-off and Slow-down Modes
Reducing the effective population of transmitting
transponders in the reader field can speed up the free-
running protocol. One method to achieve this is by either
switching transponders off or slowing them down once
they have been detected. To achieve this, the reader
sends an ACK signal to a transponder after its code has
been successfully received. The transponder then either
switches off completely or reduces its repeat rate until it
is powered down. This reduces the number of collisions
between transponder transmissions, thereby reducing
the time required to read a group of tags.
Figure 11 shows a typical situation where a collision
occurs between transponder 1 and 3. Then, as soon as
transponder 2 is read, the reader sends an ACK signal to
this one switching it off as long hi is powered up from the
field. This eliminates the collision between transponder 1
and 2 in the next step The Switch-off protocol’s main
advantage is that identical transponders can be counted.
In the EM4022 the ACK signal is implemented as two
consecutive gaps with the appropriate timing and
received at a specific time after a code has been
transmitted.
The slow-down mode is a compromise between the free-
running mode and the switch-off mode. Etch time a
transponder is read, the reader send an ACK to double
the random repetition rate. This reduces the collisions
and in the time increases the saturation level.
Figure 12 show a typical case of this mode of operation.
Fast Mode
A second method of speeding up the reading of tags, is
to inhibit other transponders from transmitting while one
transponder is transmitting. This is done by sending a
MUTE signal to all of the transponders when the start of
a transmission is detected. The transponders stay muted
long enough (128 bit of its own clock) to allow the
transmission of one code (see figure 13). This allows the
transponder that has started transmitting to complete its
transmission without any collisions.
The other
transponders
continue
with
their
own
protocols
automatically after a time out, or continue immediately
upon detection of an ACK signal indicating that the
transmission
that
caused
the
MUTE
has
been
completed.
In the EM4022 the MUTE signal is implemented as a
single gap received while the transponder is not
transmitting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com