Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022V20WS11 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 15Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
EM4022
Protocol combinations
The free-running and the two basic bi-directional
protocols, switch-off and slow-down, can all be combined
with the Fast protocol to give six different protocols, i.e.
Normal free-running, slow-down, Normal switch-off, Fast
free-running, slow-down, and Fast switch-off.
The following should be noted about the different
protocols:
1) The switch-off protocols must be used for counting
applications.
2) All the protocols except the switch-off protocols have
built in redundancy because of the fact that they can
transmit a code more than once.
3) Normal free-running is the only unidirectional
protocol. It has the lowest power spectrum requirement
because the reader transmits a CW wave.
4) Fast switch-off and Fast slow-down are the fastest
protocols, and should be used where speed is important,
or where the data rate limits the reading rate. Fast slow-
down is slightly slower, but theoretically has a lower error
rate.
5) For 125 kHz inductive applications using a 4 kbit/s
data rate, Fast slow-down is probably the best overall
protocol.
6) For RF applications using a 64 kbit/s data rate,
normal free-running protocol is probably the best
protocol.
Reader determined protocols
If the reader does not send MUTE signals to
transponders that were programmed for one of the FAST
protocols, the protocol merely reverts to the equivalent
normal protocol. Similarly, if the reader does not send
ACK signals to transponders that were programmed for
SLOW-DOWN or SWITCH-OFF, the protocol reverts to
a FREE-RUNNING protocol. In this manner, the reader
can determine the protocol that is used.
Note, however, that unless
a
transponder
was
specifically programmed for the free-running protocol, its
GAP input must be pulled down.
This happens
automatically in low frequency inductive applications,
where the GAP input is pulled down by the internal GAP
detector diode. In RF applications, however, the GAP
input will have to be pulled down explicitly.
Protocol saturation
As the number of transponders in a reader beam is
increased, the number of collisions increase, and it takes
longer to read all the tags. This process is not linear. To
read twice as many transponders could take more than
twice as long. This effect is called protocol saturation.
The normal free-running protocol saturates the easiest of
all the protocols, because it does not have any means of
reducing the transmitting population. The Fast protocols,
on the other hand, are virtually immune against
saturation, as they prevent collisions by muting all
transponders except the transmitting one.
One way of delaying the onset of saturation, is to reduce
the initial repeat rate (not data rate) at which
transponders transmit their codes.
This is done by
increasing the maximum random delay between
transmissions.
Figure 14 and 15 below show's reading times for some
possible versions
Optimum repeat delay settings
The following table lists the optimum repeat delay
settings for each of the protocols vx number of
transponders in a group.
Protocol
Number of transponders
3
10
30
100
Free-running
1k
4k
16k
64k
Slow-down
1k
1k
4k
16k
Switch-off
1k
1k
4k
16k
Fast Free-running
256
1k
1k
4k
Fast Slow-down
256
256
1k
1k
Fast Switch-off
256
256
1k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com