Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022V20WS11 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM4022V20WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
EM4022
Control ROM Bit definition
Parameter
Value
Mode
Fast / Normal
Mode
0
1
Normal
Fast
Free-running
0
GAP detection enabled
1
GAP disabled (Free-running)
ACK mode
0
Slow-down
1
Switch-off
Maximum
0
0 (Continuous)
initial random
1
16 bits
delay
2
64 bits
3
256 bits
41 kbits
54 kbits
6
16 kbits
7
64 kbits
Data rate
0
64 kbit/s
1
32 kbit/s
2
16 kbit/s
3
8 kbit/s
4
4 kbit/s
5
2 kbit/s
6
1 kbit/s
7
0.5 kbit/s
Encoding
0
Glitch encoding
method
1
Manchester encoding
GAP type
0
Low frequency GAP detection
1
High frequency GAP detection
Anti-collision Protocol Overview
The protocols are a collection of simple but fast and
reliable anti-collision protocols. They allow fast reading
of large numbers of transponders simultaneously using a
single reader. It is even possible to identify transponders
with identical codes, thereby making it possible to count
identical items.
Free-running protocol
The basis of the BTG-Supertag series of protocols is that
transponders transmit their own codes at random times
to a reader. By just listening and recording unique codes
when they are received, the reader can eventually detect
every tag.
The reader detects collisions by typically
checking a CRC.
This basic protocol is known as the “Free-running”
protocol. It requires uniquely coded tags.
Its main
advantage is that the reader design is simple, and the
spectrum requirement is much less – a very narrow band
is required.
Figure 10 shows a sequence of three transponders. The
reader starts first to read transponder 1 but during his
data transmission, transponder 3 starts to modulate. In
this case, due to the CRC check no transponder is
detected. A transponder is taken into account, if it
transmits
a
complete
data
stream
without
any
disturbance
Control ROM Map
15
14
13
12
11
10
987
654321
0
Byte[1]
Byte[0]
HF
GAP
Man-
chester
Data rate
Random delay
Switch-
off
Free-
running
Fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com