Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022V20WS11 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM4022V20WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
EM4022
ACK timing diagram
T1
Clock
Data
LF ACK
HF ACK
Bit n
T
1
ACK timing
Fig. 6
GAP Detection Algorithm
The GAP detection logic contains two main controllers,
one for detecting the ACK signal, and one for detecting
the MUTE and WAKE-UP signals. The WAKE-UP signal
is also called an asynchronous ACK, as it is really an
ACK meant for another chip. It also contains a pre-
processor for low frequency GAP signals.
Refer to the timing diagrams in Figure 6 and 7 for the
following detailed description of the GAP detection
algorithms.
ACK
The controller checks for a LOW 1.75 bit periods after
the last bit of code has been transmitted. It then checks
for a HIGH 3 bits later, a LOW 3 bits later and finally a
HIGH a further 3 bits later.
The reader should synchronise itself to the frequency of
the received code, check the CRC and then send two
GAPs so that the above pattern is matched. Ideally to
achieve the lowest error rate, the GAPS should be as
narrow as possible and situated 4.75 and 7.75 bits after
the last bit of code.
In practice allowance must be made for the fact that the
on-chip oscillator can drift in the time between when the
last code bit is transmitted and when the GAPs are
expected. One reason for the drift is that the oscillator is
supply voltage dependent, and the supply voltage will
typically be rising during this time, since the transponder
will not be modulating its coil or antenna.
The slope of the rising and falling edges of the GAPs can
also be adjusted to reduce reader power bandwidth. In
the case of high frequency GAPs the envelope is used
directly. Low frequency GAPs have to be pre-processed.
They are detected by checking for high periods lasting
longer than one bit period. For this reason there is a set-
up time of 1 bit. The minimum GAP width is therefore 1
bit period (T1 in the timing diagram).
MUTE
The MUTE signal is received asynchronously by the
transponder. The controller checks for a HIGH less than
7 bits wide after pre-processing (T2 in the timing
diagram). As in the case of the ACK, low frequency
MUTE GAPs must be at least one bit wide (T1 in the
timing diagram), but high frequency GAPs can be
arbitrarily narrow.
When transmitting a MUTE, the reader must take into
account that there could be a spread in the clock
frequencies of all the receiving transponders.
The reader should therefor limit the width of a MUTE to
be less than 5 bits of the nominal bit rate (T4 in the timing
diagram). A low frequency MUTE should also be wider
than 1.5 bits of the nominal bit rate (T3 in the timing
diagram).
The MUTE should be sent as early as possible after a
code transmission has been detected, while still making
sure that it is a code transmission and not just noise. The
earlier the MUTE is sent, the more time the reader has to
recover before the SYNCH and code bits arrive, and the
smaller the probability that another transponder has
started a colliding transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com