Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022V20WS11 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM4022V20WS11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM4022
Typical Operating Configurations
Low frequency inductive transponder .
Coil1
Coil2
EM4022
V
DD
CPX
M
L
GAP V
SS
D1
Fig. 2
Low frequency applications are those applications that
can make use of the on-chip full wave rectifier bridge to
rectify the
incident
energy.
These
are
typically
applications that use inductive coupling to transmit
energy to the chip. The carrier frequency is typically less
than 500 kHz. The design of the on-chip rectifier and
resonance capacitor is optimized for frequencies in the
order of 125 kHz. Low frequency transponders can be
implemented using just a EM4022 chip and an external
coil that resonates with the on-chip tuning capacitor at
the required carrier frequency. An external power
storage capacitor is required to maintain the supply
voltage above the integrated power on reset level.
In a very strong field, due to the forward resistance of the
diode, the GAP input must be limited at VSS-0.3V by a
schottky diode (D1)
Medium frequency (13.56 MHz) inductive transponder
implementation
EM4022
V
DD
CPX
M
L
GAP V
SS
D1
D2*
C
Fig. 3
L:
coil antenna (typical value 1.35 µH).
C:
tuning capacitor (typical value 100 pF)
Medium frequency
applications are those which cannot
use the integrated full wave rectifier and where the
transponder power is transmitted through a coil. External
microwave schottky diodes are required to rectify the
carrier wave. An external power storage capacitor can be
added to improve reading range.
These applications allow higher data rates (64 kbit/s).
Where reading rates of 500 transponders per second
can be achieved
High frequency
RF transponder implementation.
EM4022
V
DD
CPX
M
GAP V
SS
D1
D2*
D3
Coil1
Coil2
Fig. 4
D2 in figure 2 and 3 is optional and is only used for GAP
enable versions. All diodes are schottky type.
High frequency applications are similar to medium
frequency applications. These are typically applications
that use electromagnetic RF coupling to transmit energy
to the chip using carrier frequencies greater than
100 MHz.
High
frequency
transponders
can
be
implemented using a EM4022 chip, two or three
microwave diodes and a printed antenna. High frequency
RF coupled applications typically have higher reading
distances (> 4 m) and
Bi-frequency
applications are possible by implementing
a coil between coil1 and coil2 connections in the high
frequency application (fig. 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com