Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022V20WS11 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4022V20WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V20WS11 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4022V20WS11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V20WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
EM4022
Multi Frequency Contactless Identification Device
Anti-Collision compatible with BTG's Supertag Category Protocols
Description
The EM4022 (previously named P4022) chip implements
patented anti-collision protocols for both high frequency
and low frequency applications. It is even possible to
identify transponders with identical codes, thereby
making it possible to count identical items. The chip is
typically used in “passive” transponder applications, i.e. it
does not require a battery power source. Instead, it is
powered up by an electromagnetic energy field or beam
transmitted by the reader, which is received and rectified
to generate a supply voltage for the chip.
A pre-
programmed code is transmitted to the reader by varying
the amount of energy that is reflected back to the reader.
This is done by modulating an antenna or coil, thereby
effectively varying the load seen by the reader.
Typical Applications
Access control
Animal tagging
Asset control
Sports event timing
Licensing
Electronic keys
Auto-tolling
Features
Implements all BTG anti-collision protocols:
Fast SWITCH-OFF, SLOW-DOWN, and
FREE-RUNNING
Can be used to implement low frequency
inductive coupled transponders, high frequency
RF coupled transponders or bi-frequency
transponders
Reading 500 transponders in less than one
second for high frequency applications
Factory programmed 64 bit ID number
Data rate options form 4 kbit/s to 64 kbit/s
Manchester data encoding
Any field frequency: Typically 125 kHz, 13.56
MHz inductive and 100 MHz to 2.54 GHz RF
Data transmission done by amplitude
modulation
Trimmed 110 pF ± 3% on-chip resonant
capacitor
On-chip oscillator, rectifier and voltage limiter
Low power consumption
Low voltage operation : down to 1.5 V at
ambient temperature
-40 to +85
°C operating temperature range
Pin Assignment
1
2
38
9
10
11
57
EM4 022
46
Fig. 1
Pad N°
Name
Function
1
XCLK
external test clock input
2VDD
positive supply
3
M
connection to antenna
4MTST
test output
5
COIL1
Coil terminal 1
6
COIL2
Coil terminal 2
7VSSTST
negative test supply output
8VSS
negative supply
9
GAP
GAP input
10
SI
Serial test data input (pull down)
11
TMC
Test mode control (pull down)


Similar Part No. - EM4022V20WS11

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EM402 LEADSHINE-EM402 Datasheet
738Kb / 6P
20-40V, 0.07-2A, Sensorless Stall Detection, Pre-Matching Motor
logo
Soberton Inc.
EM4020-BC SOBERTON-EM4020-BC Datasheet
389Kb / 1P
Omnidirectional Back Electret Condenser Microphone
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
logo
List of Unclassifed Man...
EM402M1612VTA ETC2-EM402M1612VTA Datasheet
822Kb / 18P
16Mb ( 2Banks ) Synchronous DRAM
More results

Similar Description - EM4022V20WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
Crypto Contactless Identification Device
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
128 bit Read Only Low Frequency Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com