Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A/KYX Datasheet(PDF) 20 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 20 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 16Page - Microchip Technology UPD301A/KYX Datasheet HTML 17Page - Microchip Technology UPD301A/KYX Datasheet HTML 18Page - Microchip Technology UPD301A/KYX Datasheet HTML 19Page - Microchip Technology UPD301A/KYX Datasheet HTML 20Page - Microchip Technology UPD301A/KYX Datasheet HTML 21Page - Microchip Technology UPD301A/KYX Datasheet HTML 22Page - Microchip Technology UPD301A/KYX Datasheet HTML 23Page - Microchip Technology UPD301A/KYX Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
UPD301A
DS00002838B-page 20
 2018-2019 Microchip Technology Inc.
4.3.5
VCONN OPERATION
VCONN is a 5V supply that is used to power circuitry in the USB Type-C™ plug, which is required to implement Elec-
tronically Marked Cables. By default, the DFP always sources VCONN when connected to an active cable. However,
this may be changed by software.
APPLICATION NOTE:
It is not envisioned to ever enable both FETs simultaneously.
VCONN is monitored for an over current condition via an internal monitoring circuit. A VCONN over current condition is
recognized when the event persists for a time longer than specified.When an over-current VCONN event is detected,
an interrupt asserts. The device may be configured to automatically disable the VCONN FET upon detection of a CC1/
CC2 Back-Drive Error or VCONN Discharge Error. In the event of the detection of a debounced over-current VCONN
event, the enabled VCONN FET will be disabled.
4.3.6
VBUS DETECTION
The device implements a comparator for determining when VBUS is within a programmed range, vSafe5V, or vSafe0v.
VBUS is divided down externally via a 1:9 resistor divider to generate VBUS_DET_IN. VBUS_DET_IN is compared with
an 8-bit threshold generated by an integrated DAC.
Figure 4-2 illustrates the VBUS_DET_IN circuit. In a typical use case, VBUS_DET_IN thresholds are programmed to
track the following voltage ranges as defined in Table 4-5.
For a DFP, the VBUS comparator is useful to detect when VBUS is within the desired range per PD negotiations. This
is the case when VBUS is generated by a source external to the device.
For a UFP, the VBUS comparator is required to determine when a DFP is attached or detached. It may also use the
comparator to determine when VBUS is within a new voltage range negotiated via PD.
Note:
Table 4-5 illustrates the values of VBUS_DET_IN utilizing +/-1% accurate resistors where R1 is 10K Ohms
and R2 is 90 kOhms.
FIGURE 4-2:
VBUS_DET_IN COMPARATOR
Bandgap
Reference
VBUS_MATCH
DAC
VBUS
Threshold
Generation
10-bits
20 KHz Clock
VBUS_DET_IN
VBUS
R2
R1
R3
15 uA
ZTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com