Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A/KYX Datasheet(PDF) 15 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 15 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 11Page - Microchip Technology UPD301A/KYX Datasheet HTML 12Page - Microchip Technology UPD301A/KYX Datasheet HTML 13Page - Microchip Technology UPD301A/KYX Datasheet HTML 14Page - Microchip Technology UPD301A/KYX Datasheet HTML 15Page - Microchip Technology UPD301A/KYX Datasheet HTML 16Page - Microchip Technology UPD301A/KYX Datasheet HTML 17Page - Microchip Technology UPD301A/KYX Datasheet HTML 18Page - Microchip Technology UPD301A/KYX Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 15
UPD301A
3.3.3
BOOT_SEL CONFIGURATION STRAP
The BOOT_SEL configuration strap is used to select the UPD301A boot mode between a normal boot or a boot ROM
boot, and is implemented using a weak pull-up/pull-down of 200 kΩ, as shown in Table 3-5.
3.3.4
DC_DC_SEL CONFIGURATION STRAP
The DC_DC_SEL configuration strap is used to specify which DC/DC converter the DAC output is configured for.
The DC_DC_SEL configuration strap is encoded to one of three possible values determined by external resistors, as
detailed in Table 3-6.
TABLE 3-5:
BOOT_SEL RESISTOR ENCODING
BOOT_SEL Resistor Value
Setting
200 kΩ Pull-Down
Boot from boot ROM
200 kΩ Pull-Up
Normal operation
TABLE 3-6:
DC_DC_SEL RESISTOR ENCODING
DC_DC_SEL Resistor Value
DAC Output
200 kΩ Pull-Down
General linear DAC operation.
The DAC output range is defined as:
• 0V - 0V on VBUS
• 2.5V = 20V on VBUS
This output is linear for the range in between.
200 kΩ Pull-Up
Reserved for future use.
4.7 kΩ Pull-Down
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com