Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A/KYX Datasheet(PDF) 27 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 27 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 23Page - Microchip Technology UPD301A/KYX Datasheet HTML 24Page - Microchip Technology UPD301A/KYX Datasheet HTML 25Page - Microchip Technology UPD301A/KYX Datasheet HTML 26Page - Microchip Technology UPD301A/KYX Datasheet HTML 27Page - Microchip Technology UPD301A/KYX Datasheet HTML 28Page - Microchip Technology UPD301A/KYX Datasheet HTML 29Page - Microchip Technology UPD301A/KYX Datasheet HTML 30Page - Microchip Technology UPD301A/KYX Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 27
UPD301A
5.4
Current Consumption
TABLE 5-3:
DEVICE CURRENT CONSUMPTION
Power State
3.3V Supply Current
Typical
Max
Units
RESET
1.27
-
mA
STANDBY (source)
7.49
-
mA
ATTACHED IDLE (source)
11.40
-
mA
ACTIVE (with PD packet transmitting)
-
23.84
mA
Note 1:
This table details the power consumption of the UPD301A device as measured during various modes of
operation. Refer to Section 4.2, "Power States" for additional information. Power dissipation is determined
by temperature, supply voltage, and external source/sink requirements. Maximum values represent very
short bursts of activity over a small amount of time. Typical values represent averaged current consump-
tion over time.
2: STANDBY
is equivalent to USB Type-C™ specification’s Unattached.SRC
3:
Currents measured with all 3.3V rails tied together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com