Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A/KYX Datasheet(PDF) 11 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 11 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 7Page - Microchip Technology UPD301A/KYX Datasheet HTML 8Page - Microchip Technology UPD301A/KYX Datasheet HTML 9Page - Microchip Technology UPD301A/KYX Datasheet HTML 10Page - Microchip Technology UPD301A/KYX Datasheet HTML 11Page - Microchip Technology UPD301A/KYX Datasheet HTML 12Page - Microchip Technology UPD301A/KYX Datasheet HTML 13Page - Microchip Technology UPD301A/KYX Datasheet HTML 14Page - Microchip Technology UPD301A/KYX Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 11
UPD301A
3.2
Pin Descriptions
This sections details the functions of the various device signals.
TABLE 3-2:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
USB Type-C™
Configuration
Channel 1
CC1
AIO
Configuration Channel (CC) used in the discovery, configu-
ration and management of connections across a USB
Type-C cable.
Configuration
Channel 2
CC2
AIO
Configuration Channel (CC) used in the discovery, configu-
ration and management of connections across a USB
Type-C cable.
VBUS
Detection
VBUS_DET_IN
AIO
Scaled down version of VBUS input used for VBUS detec-
tion. Tie this signal to VBUS via a resistor divider.
SPI Interface
SPI Clock
SPI_CLK
IS
SPI clock.
The maximum supported SPI clock frequency is 8 MHz.
SPI Data
Master In /
Slave Out
SPI_MISO
I/O8
SPI data master in, slave out.
SPI Data
Master Out /
Slave In
SPI_MOSI
O2
SPI data master out / slave in. This pin must be connected
to SPI_MOSI_SI for proper operation.
SPI Data
Slave In
SPI_MOSI_SI
IS
SPI data slave in. This pin must be connected to SPI_MOSI
for proper operation.
SPI Chip
Enable
SPI_SS
O2
Active low SPI chip enable input for optional external
UPD350.
SPI Interrupt
SPI_IRQ_N
I
SPI interrupt indicating request for service from optional
external UPD350.
DC/DC Control
DAC Output
(Source)
DAC_DC
AO
In the Source Role, this DAC output is used to control the
DC/DC converter output voltage.
Miscellaneous
VBUS Load
Switch Enable
EN_VBUS
O8
When asserted, closes the VBUS load switch. Only valid in
the Attach.SRC state.
VBUS
Discharge
VBUS_DIS
O8
When asserted, enables external current sink in order to
discharge VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com