Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A/KYX Datasheet(PDF) 13 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 13 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 9Page - Microchip Technology UPD301A/KYX Datasheet HTML 10Page - Microchip Technology UPD301A/KYX Datasheet HTML 11Page - Microchip Technology UPD301A/KYX Datasheet HTML 12Page - Microchip Technology UPD301A/KYX Datasheet HTML 13Page - Microchip Technology UPD301A/KYX Datasheet HTML 14Page - Microchip Technology UPD301A/KYX Datasheet HTML 15Page - Microchip Technology UPD301A/KYX Datasheet HTML 16Page - Microchip Technology UPD301A/KYX Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 13
UPD301A
Boot Select
Configuration
Strap
BOOT_SEL
IS
This configuration strap is sampled after a system reset to
select between a normal boot or a boot ROM boot using a
200KΩ pull-down/up resistor.
0 = Boot from boot ROM
1 = Normal operation
Refer to Section 3.3, "Configuration Straps" for additional
information.
DC/DC
Converter
Configuration
Strap
DC_DC_SEL
I/O2
This configuration strap is sampled after a system reset to
select which DC/DC converter the DAC output is configured
for.
Refer to Section 3.3, "Configuration Straps" for additional
information.
Power/Ground
+5V
Port Power
Switch Input
VCONN_IN
P
+5V VCONN FET power source.
+3.3V I/O
Power Supply
Input
VDD33_IO_IN
P
+3.3V I/O power supply input.
+3.3V Analog
Power Supply
Input
VDD33_ANA_IN
P
+3.3V analog power supply input.
+3.3V
Always Supply
Input
VDD33_ALW_IN
P
+3.3V always supply input.
Note:
This pin must be connect to a 2.2 uF capacitor
to ground.
+3.3V
Regulator
Power Supply
Input
VDD33_REG_IN
P
+3.3V regulator power supply input.
+1.8V Core
Voltage Power
Supply Input
VPP18
P
+1.8V core voltage power supply input.
+1.8V Digital
Core Power
Supply Output
VDD18_CORE_OUT
P
+1.8V digital core power supply output. This signal must be
connected to a 1uF capacitor to ground for proper opera-
tion.
+1.2V
Core Power
Supply Output
VDD12_CORE_OUT
P
+1.2V core power supply output. This signal must be con-
nected to a 1uF capacitor to ground for proper operation.
Ground
VSS
P
Ground pins.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com