Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A/KYX Datasheet(PDF) 14 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 14 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 10Page - Microchip Technology UPD301A/KYX Datasheet HTML 11Page - Microchip Technology UPD301A/KYX Datasheet HTML 12Page - Microchip Technology UPD301A/KYX Datasheet HTML 13Page - Microchip Technology UPD301A/KYX Datasheet HTML 14Page - Microchip Technology UPD301A/KYX Datasheet HTML 15Page - Microchip Technology UPD301A/KYX Datasheet HTML 16Page - Microchip Technology UPD301A/KYX Datasheet HTML 17Page - Microchip Technology UPD301A/KYX Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
UPD301A
DS00002838B-page 14
 2018-2019 Microchip Technology Inc.
3.3
Configuration Straps
Configuration straps are used during Power-On Reset (POR) or external chip reset (RESET_N) to determine the default
configuration of a particular feature. The state of the signal is latched following deassertion of the reset. Configuration
straps are identified by an underlined symbol name. This section details the various device configuration straps and
associated functions.
3.3.1
PDP_SEL0/PDP_SEL1 CONFIGURATION STRAPS
The PDP_SEL0 and PDP_SEL1 configuration straps are used to define the normative Power Delivery Object (PDO) sup-
port in the Source Role, as defined in Chapter 10 of the USB Power Delivery Specification.
In the Source Role, the Power Delivery Power (PDP) defines all of the normative PDOs returned in the USB PD
Source_Capabilities Message. These correspond to the fixed voltages and currents the Source supports.
The PDP_SEL0 input configuration strap is used to define the PDP value used to configure the UPD301A.
The PDP_SEL1 input configuration strap is used to define the PDP value used to configure the external UPD350 for the
optional UPD301A two port solution.
The PDP_SEL0 and PDP_SEL1 configuration straps are each encoded to one of five possible values determined by
external resistors. Table 3-3 indicates the PDP that each configuration corresponds to and the PDO values that should
be returned in the USB Power Delivery Source capabilities.
3.3.2
I2C_ADDR_SEL CONFIGURATION STRAP
The I2C_ADDR_SEL configuration strap is used to define the default I2C address that the UPD301A will respond to
when operating as a companion MCU. The I2C_ADDR_SEL configuration strap is encoded to one of six possible values
determined by external resistors, as detailed in Table 3-4.
TABLE 3-3:
PDP_SEL RESISTOR ENCODING
PDP_SELx Resistor Value
PDP
PDO 1
PDO 2
PDO 3
PDO 4
200 kΩ Pull-Down
7.5 W
5 V@1.5 A
-
-
-
200 kΩ Pull-Up
15W
5V@3 A
-
-
-
4.7 kΩ Pull-Down
27W
5V@3 A
9 V@3A
-
-
4.7 kΩ Pull-Up
45W
5V@3 A
9 V@3A
15 V@3A
-
10 Ω Pull-Down
60 W
5 V@3 A
9 V@3 A
15 V@3 A
20 V@3 A
TABLE 3-4:
I2C_ADDR_SEL RESISTOR ENCODING
I2C_ADDR_SEL Resistor Value
I2C Slave Address
200 kΩ Pull-Down
1111_000
200 kΩ Pull-Up
1101_000
20 kΩ Pull-Down
1101_001
20 kΩ Pull-Up
1101_010
10 Ω Pull-Down
1101_011
10 Ω Pull-Up
1101_100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com