Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A/KYX Datasheet(PDF) 1 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 1 Page - Microchip Technology

  UPD301A/KYX Datasheet HTML 1Page - Microchip Technology UPD301A/KYX Datasheet HTML 2Page - Microchip Technology UPD301A/KYX Datasheet HTML 3Page - Microchip Technology UPD301A/KYX Datasheet HTML 4Page - Microchip Technology UPD301A/KYX Datasheet HTML 5Page - Microchip Technology UPD301A/KYX Datasheet HTML 6Page - Microchip Technology UPD301A/KYX Datasheet HTML 7Page - Microchip Technology UPD301A/KYX Datasheet HTML 8Page - Microchip Technology UPD301A/KYX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 1
Highlights
• Single-chip USB Type-C™ (1) Power Delivery
Solution for Stand-alone Source-only
• Preprogrammed Power Delivery Firmware
• Supports Standard Power Delivery
Power Profiles (15/27/45/60W)
• USB Power Delivery 3.0 Compliant MAC
• USB Type-C™ Connector Support with
Connection Detection and Control
• Integrated Analog Discrete Components Reduce
Bill of Materials and Design Footprint
• Easily Supports 2nd Port via UPD350 Add-on
• Commercial, Industrial, and Automotive
Temperature Support
Target Applications
• Point-of-Sale Terminals
• Charging Lockers
• IoT Products and Sensors
• Smart Speakers and Monitors
• Conference Systems
• Power Tools
• Multi-port Charging Docks
• Automotive Rear Seat Charging Ports
Key Benefits
• Preprogrammed Power Delivery Firmware
- Supports Standard Power Delivery
Power Profiles (15/27/45/60W)
- No Custom Firmware Development Required
• Multiple Stand-alone Configurations via Pin Straps
- Power Delivery Power Profile Selection
• Optional Two Port Solution via External UPD350
- SPI for External UPD350 Communication
- Power Delivery Firmware Controls Both Ports
• Integrated Analog Discrete Components
- VCONN FETs with Rp/Rd Switching
- Programmable Current Sense for
Overcurrent Conditions
- Voltage Sense for Overvoltage Conditions
• USB Power Delivery MAC
- Compliant with USB Power Delivery
Specification Revision 3.0
- Power Delivery Packet Framing
- CRC Checking/Generation
- 4B/5B Encoding/Decoding
- BMC Encoding/Decoding
- EOP/SOP Generation for PD Frames
- SOP Detection and SOP Header Processing
- Separate RX/TX FIFOs
- Automatic GoodCRC Message Generation
- Automatic Retry Generation
- Error Handling
- Low Standby Power Support
• USB Type-C Cable Detect Logic
- Auto Cable Attach & Orientation Detection
- Routes Baseband Communication to
Respective CC Pin per Detected Orientation
- VCONN Supply Control for Active Cable
- Strappable Downstream Facing Port (DFP)
Modes
- Charging Current Capability Detection
• Package
- 40-VQFN (6.0mm x 6.0mm)
• Environmental
- Commercial Temperature Range
(0°C to +70°C)
- Industrial / AEC-Q100 Automotive Grade 3
Temperature Range (-40°C to +85°C)
1. USB Type-C™ and USB-C™ are trademarks of
USB Implementers Forum.
UPD301A
Stand-alone USB Type-C™ Power Delivery 3.0 Controller


Similar Part No. - UPD301A/KYX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD301A MICROCHIP-UPD301A Datasheet
1Mb / 40P
Stand-alone USB Type-C™ Power Delivery 3.0 Controller
DS00002838C 09-06-22
UPD301A MICROCHIP-UPD301A_V01 Datasheet
1Mb / 40P
Stand-alone USB Type-C™ Power Delivery 3.0 Controller
DS00002838C 09-06-22
More results

Similar Description - UPD301A/KYX

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
Microchip Technology
UPD301B MICROCHIP-UPD301B Datasheet
1Mb / 45P
Stand-alone USB Type-C??Power Delivery 3.0 Controller
05/14/19
logo
Rohm
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com