Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A/KYX Datasheet(PDF) 28 Page - Microchip Technology

Part # UPD301A/KYX
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A/KYX Datasheet(HTML) 28 Page - Microchip Technology

Back Button UPD301A/KYX Datasheet HTML 24Page - Microchip Technology UPD301A/KYX Datasheet HTML 25Page - Microchip Technology UPD301A/KYX Datasheet HTML 26Page - Microchip Technology UPD301A/KYX Datasheet HTML 27Page - Microchip Technology UPD301A/KYX Datasheet HTML 28Page - Microchip Technology UPD301A/KYX Datasheet HTML 29Page - Microchip Technology UPD301A/KYX Datasheet HTML 30Page - Microchip Technology UPD301A/KYX Datasheet HTML 31Page - Microchip Technology UPD301A/KYX Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
UPD301A
DS00002838B-page 28
 2018-2019 Microchip Technology Inc.
5.5
DC Characteristics
Note 5-5
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up
resistors add +/- 50 µA per-pin (typical).
TABLE 5-4:
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
I Type Input Buffer
Low Input Level
High Input Level
Input Leakage
VIL
VIH
ILEAK
0.55*VDD33_REG_IN
-1
±0.015
0.3*VDD33_REG_IN
1
V
V
µA
IS_1 Type Input Buffer
Low Input Level
High Input Level
Input Leakage
VIL
VIH
IIH
0.55*VDD33_REG_IN
-1
±0.015
0.3*VDD33_REG_IN
1
V
V
µA
IS_2 Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDD33_IO_IN)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
2.0
1.21
1.31
100
-10
1.33
1.58
133
0.8
3.6
1.8
1.8
0
10
3
V
V
V
V
mV
µA
pF
Schmitt trigger
Schmitt trigger
Note 5-5
O2 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
0.8*VDD33_REG_IN
0.1*VDD33_REG_IN
0.9*VDD33_REG_IN
0.2*VDD33_REG_IN
V
V
IOL = -2 mA
IOH = 2 mA
OD2 Type Output Buffer
Low Output Level
VOL
0.1*VDD33_REG_IN
0.2*VDD33_REG_IN
VIOL = -2 mA
O8_1 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
0.8*VDD33_REG_IN
0.1*VDD33_REG_IN
0.9*VDD33_REG_IN
0.2*VDD33_REG_IN
V
V
IOL = -8 mA
IOH = 8 mA
O8_2 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
VDD33_IO_IN - 0.4
0.4
V
V
IOL = -8 mA
IOH = 8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com