Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS563203DRLR Datasheet(PDF) 5 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 5 Page - Texas Instruments

  XTPS563203DRLR Datasheet HTML 1Page - Texas Instruments XTPS563203DRLR Datasheet HTML 2Page - Texas Instruments XTPS563203DRLR Datasheet HTML 3Page - Texas Instruments XTPS563203DRLR Datasheet HTML 4Page - Texas Instruments XTPS563203DRLR Datasheet HTML 5Page - Texas Instruments XTPS563203DRLR Datasheet HTML 6Page - Texas Instruments XTPS563203DRLR Datasheet HTML 7Page - Texas Instruments XTPS563203DRLR Datasheet HTML 8Page - Texas Instruments XTPS563203DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
6.4 Thermal Information (continued)
THERMAL METRIC(1)
DRL (SOT-563)
UNIT
6 PINS
RθJB
Junction-to-board thermal resistance
32.2
°C/W
ΨJT
Junction-to-top characterization parameter
2.1
°C/W
YJB
Junction-to-board characterization parameter
31.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
This RθJA_effective is tested on TPS563202EVM board (2 layer, copper thickness of top and bottom layer are 2-oz) at VIN = 12 V, VOUT
= 5 V, IOUT = 3 A , TA = 25 oC.
6.5 Electrical Characteristics
Over operating TJ = –400C-1250C, VVIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY VOLTAGE
VIN
Input voltage range
VIN
4.2
17
V
IVIN
VIN Supply Current
No load, VEN = 5 V, non-switching, PSM
version
110
µA
No load, VEN = 5 V, VFB = 0.7 V, FCCM
version
350
µA
IINSDN
VIN Shutdown Current
No load, VEN = 0 V
7
µA
UVLO
UVLO
VIN Undervoltage Lockout
Wake up VIN voltage
3.6
3.8
4
V
UVLO
VIN Undervoltage Lockout
Shut down VIN voltage
3.2
3.4
3.6
V
UVLO
VIN Undervoltage Lockout
Hysteresis VIN voltage
400
mV
FEEDBACK VOLTAGE
VFB
FB voltage
TJ = 25°C, Vin = 4.2 - 17 V
591
600
609
mV
VFB
FB voltage
TJ =- 40°C to 125°C, Vin = 4.2 - 17 V
588
600
612
mV
MOSFET
RDS
(ON)HI
High-side MOSFET Rds(on)
TJ = 25°C, VVIN ≥ 5 V
110
mΩ
RDS
(ON)LO
Low-side MOSFET Rds(on)
TJ = 25°C, VVIN ≥ 5 V
60
mΩ
DUTY CYCLE and FREQUENCY CONTROL
FSW
Switching Frequency (1)
TJ = 25°C, VVOUT = 1.0 V
600
kHz
TOFF(MIN) Minimum Off-time
VFB = 0.5 V
100
ns
TON(MIN) Minimum On-time
TJ = 25°C
55
ns
CURRENT LIMIT
IOCL_LS
Over Current threshold
Valley current set point
3
3.9
4.7
A
INOCL
Negative Over Current threshold
Valley current set point
1
1.8
2.5
A
LOGIC THRESHOLD
VEN(ON)
EN Threshold High-level
Vin = 4.2 - 17 V
1.15
1.2
1.28
V
VEN(OFF) EN Threshold Low-level
Vin = 4.2 - 17 V
0.93
1
1.05
V
VENHYS
EN Hystersis
200
mV
OUTPUT DISCHARGE and SOFT START
IEN
EN Pull down current
VEN = 1.5 V
1
uA
tSS
Internal Soft-start Time
1.4
ms
www.ti.com
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com