Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS563203DRLR Datasheet(PDF) 8 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 4Page - Texas Instruments XTPS563203DRLR Datasheet HTML 5Page - Texas Instruments XTPS563203DRLR Datasheet HTML 6Page - Texas Instruments XTPS563203DRLR Datasheet HTML 7Page - Texas Instruments XTPS563203DRLR Datasheet HTML 8Page - Texas Instruments XTPS563203DRLR Datasheet HTML 9Page - Texas Instruments XTPS563203DRLR Datasheet HTML 10Page - Texas Instruments XTPS563203DRLR Datasheet HTML 11Page - Texas Instruments XTPS563203DRLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
6.6 Typical Characteristics (continued)
VIN = 12 V (unless otherwise noted)
Iout (A)
0.001
0.01
0.1
1
3
30%
40%
50%
60%
70%
80%
90%
100%
VIN=6 V
VIN=12 V
VIN=17 V
Figure 6-7. TPS563203 Efficiency at 1.05 Vout with 2.2-uH
Inductor
Iout (A)
0.001
0.01
0.1
1
3
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
VIN=6 V
VIN=12 V
VIN=17 V
Figure 6-8. TPS563206 Efficiency at 1.05 Vout with 2.2-uH
Inductor
Iout (A)
0.001
0.01
0.1
1
3
60%
65%
70%
75%
80%
85%
90%
95%
100%
VIN=5 V
VIN=12 V
VIN=17 V
Figure 6-9. TPS563203 Efficiency at 3.3 Vout with 4.7-uH
Inductor
Iout (A)
0.001
0.01
0.1
1
3
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
VIN=5 V
VIN=12 V
VIN=17 V
Figure 6-10. TPS563206 Efficiency at 3.3 Vout with 4.7-uH
Inductor
Iout (A)
0.001
0.01
0.1
1
3
65%
70%
75%
80%
85%
90%
95%
100%
VIN=6 V
VIN=12 V
VIN=17 V
Figure 6-11. TPS563203 Efficiency at 5 Vout with 4.7-uH
Inductor
Iout (A)
0.001
0.01
0.1
1
3
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
VIN=6 V
VIN=12 V
VIN=17 V
Figure 6-12. TPS563206 Efficiency at 5 Vout with 4.7-uH
Inductor
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com