Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS563203DRLR Datasheet(PDF) 13 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 13 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 9Page - Texas Instruments XTPS563203DRLR Datasheet HTML 10Page - Texas Instruments XTPS563203DRLR Datasheet HTML 11Page - Texas Instruments XTPS563203DRLR Datasheet HTML 12Page - Texas Instruments XTPS563203DRLR Datasheet HTML 13Page - Texas Instruments XTPS563203DRLR Datasheet HTML 14Page - Texas Instruments XTPS563203DRLR Datasheet HTML 15Page - Texas Instruments XTPS563203DRLR Datasheet HTML 16Page - Texas Instruments XTPS563203DRLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The devices are typical buck DC/DC converters. The devices are typically used to convert a higher dc voltage
to a lower dc voltage with a maximum available output current of 3 A. The following design procedure can be
used to select component values for TPS56320x. Alternately, the WEBENCH® software can be used to generate
a complete design. The WEBENCH software uses an iterative design procedure and accesses a comprehensive
database of components when generating a design. This section presents a simplified discussion of the design
process.
8.2 Typical Application
The application schematic in Figure 8-1 was developed to meet the previous requirements. This circuit is
available as the evaluation module (EVM). The section provide the design procedure.
Figure 8-1 shows the TPS563203 4.2-V to 17-V input, 1.05-V output converter schematics.
L1
R2
10 k
R1 7.5 k
VIN = 4.2 V to 17 V
VOUT
2.2
H
C4
R3 100 k
C7 0.1
F
C8
22
F
VOUT
C9
22
F
VIN
Not Installed
VIN
GND
FB
SW
VIN
EN
BST
1
2
3
4
5
6
1
C3
0.1
F
C2
10
F
C1
10
F
VOUT = 1.05 V/2A
1
Figure 8-1. TPS563203 1.05-V/3-A Reference Design
www.ti.com
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com