Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS563203DRLR Datasheet(PDF) 17 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 17 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 13Page - Texas Instruments XTPS563203DRLR Datasheet HTML 14Page - Texas Instruments XTPS563203DRLR Datasheet HTML 15Page - Texas Instruments XTPS563203DRLR Datasheet HTML 16Page - Texas Instruments XTPS563203DRLR Datasheet HTML 17Page - Texas Instruments XTPS563203DRLR Datasheet HTML 18Page - Texas Instruments XTPS563203DRLR Datasheet HTML 19Page - Texas Instruments XTPS563203DRLR Datasheet HTML 20Page - Texas Instruments XTPS563203DRLR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Vout = 20mV/div(AC)
SW = 5V/div
100us/div
Figure 8-8. TPS563203 Output Voltage Ripple with
0.1-A Loading
Vout = 20mV/div(AC)
SW = 5V/div
2us/div
Figure 8-9. TPS563206 Output Voltage Ripple with
0.1-A Loading
Vout = 20mV/div(AC)
SW = 5V/div
2us/div
Figure 8-10. TPS563203 Output Voltage Ripple with
3-A Loading
Vout = 20mV/div(AC)
SW = 5V/div
2us/div
Figure 8-11. TPS563206 Output Voltage Ripple with
3-A Loading
EN = 5V/div
SW = 5V/div
400us/div
Vout = 500mV/div
Figure 8-12. TPS563203 Enable on with 3-A
Loading
EN = 5V/div
SW = 5V/div
10us/div
Vout = 500mV/div
Figure 8-13. TPS563203 Enable off with 3-A
Loading
www.ti.com
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com