Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS563203DRLR Datasheet(PDF) 6 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 2Page - Texas Instruments XTPS563203DRLR Datasheet HTML 3Page - Texas Instruments XTPS563203DRLR Datasheet HTML 4Page - Texas Instruments XTPS563203DRLR Datasheet HTML 5Page - Texas Instruments XTPS563203DRLR Datasheet HTML 6Page - Texas Instruments XTPS563203DRLR Datasheet HTML 7Page - Texas Instruments XTPS563203DRLR Datasheet HTML 8Page - Texas Instruments XTPS563203DRLR Datasheet HTML 9Page - Texas Instruments XTPS563203DRLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6.5 Electrical Characteristics (continued)
Over operating TJ = –400C-1250C, VVIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VUVP
UVP Trip Threshold
55
60
65
%
tUVPDLY
UVP Prop deglitch
256
us
tUVPON
In continuous Hiccup mode, the switching
time
Hard short, UVP detect
1.5
ms
tUVPOFF
In continuous Hiccup mode, non
switching time
Hard short, UVP detect
13
ms
PGOOD
THERMAL PROTECTION
TOTP
OTP Trip Threshold
155
°C
TOTPHSY OTP Hysteresis
20
°C
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com