Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS563203DRLR Datasheet(PDF) 14 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 14 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 10Page - Texas Instruments XTPS563203DRLR Datasheet HTML 11Page - Texas Instruments XTPS563203DRLR Datasheet HTML 12Page - Texas Instruments XTPS563203DRLR Datasheet HTML 13Page - Texas Instruments XTPS563203DRLR Datasheet HTML 14Page - Texas Instruments XTPS563203DRLR Datasheet HTML 15Page - Texas Instruments XTPS563203DRLR Datasheet HTML 16Page - Texas Instruments XTPS563203DRLR Datasheet HTML 17Page - Texas Instruments XTPS563203DRLR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
8.2.1 Design Requirements
Table 8-1 shows the design parameters for this application.
Table 8-1. Design Parameters
PARAMETER
EXAMPLE VALUE
Input voltage range
4.2 V to 17 V
Output voltage
1.05 V
Transient response, 1.5-A load step
ΔVout = ±5%
Input ripple voltage
100 mV
Output ripple voltage
20 mV
Output current rating
3 A
Operating frequency
600 kHz
8.2.2 Detailed Design Procedure
8.2.2.1 Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the FB pin. TI recommends to use 1%
tolerance or better divider resistors. Start by using Equation 3 to calculate VOUT.
To improve efficiency at very light loads, consider using larger value resistors. Too high of resistance is more
susceptible to noise and voltage errors from the FB input current are more noticeable.
(3)
8.2.2.2 Output Filter Selection
The LC filter used as the output filter has a double pole at Equation 4. In this equation, COUT must use its
effective value after derating, not its nominal value.
P
OUT
OUT
1
f
2
L
C
S
u
(4)
For any control topology that is compensated internally, there is a range of the output filter it can support. At low
frequency, the overall loop gain is set by the output set-point resistor divider network and the internal gain of the
device. The low frequency phase is 180°. At the output filter pole frequency, the gain rolls off at a –40 dB per
decade rate and the phase drops has a 180 degree drop. The internal ripple generation network introduces a
high-frequency zero that reduces the gain roll off from –40 dB to –20 dB per decade and leads the 90 degree
phase boost. The internal ripple injection high-frequency zero is about 41 kHz. TI recommends the inductor
and capacitor selected for the output filter that the double pole is located about 20 kHz, so that the phase
boost provided by this high-frequency zero provides adequate phase margin for the stability requirement. For
higher than 2-V output voltage, TI suggests to add a CFF cap to increase the bandwidth and phase margin.
The suggested CFF range is 10 pF to 100 pF. The crossover frequency of the overall system must usually be
targeted to be less than one-third of the switching frequency.
Table 8-2. Recommended Component Values
OUTPUT
VOLTAGE
(V)
R1 (kΩ)
R2 (kΩ)
Min L(uH)
TYP L (uH)
Max L(uH)
Min
Cout(uF)
Typ Cout(uF)
Max
Cout(uF)
Typ CFF(pF)
0.8
3.33
10.0
1
1.5
2.2
22
44
110
-
1.05
7.5
10.0
1.2
2.2
3.3
22
44
110
-
2.5
95.0
30.0
2.2
3.3
4.7
22
44
110
10
3.3
135.0
30.0
3.3
4.7
6.8
22
44
110
18
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com