Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS563203DRLR Datasheet(PDF) 16 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 16 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 12Page - Texas Instruments XTPS563203DRLR Datasheet HTML 13Page - Texas Instruments XTPS563203DRLR Datasheet HTML 14Page - Texas Instruments XTPS563203DRLR Datasheet HTML 15Page - Texas Instruments XTPS563203DRLR Datasheet HTML 16Page - Texas Instruments XTPS563203DRLR Datasheet HTML 17Page - Texas Instruments XTPS563203DRLR Datasheet HTML 18Page - Texas Instruments XTPS563203DRLR Datasheet HTML 19Page - Texas Instruments XTPS563203DRLR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
8.2.3 Application Curves
Iout (A)
0.001
0.01
0.1
1
3
0
80
160
240
320
400
480
560
640
720
800
Vin = 6 V
Vin = 12 V
Vin = 17 V
Figure 8-2. TPS563203 Frequency vs Loading
Iout (A)
0
0.5
1
1.5
2
2.5
3
450
480
510
540
570
600
630
660
690
Vin = 6 V
Vin = 12 V
Vin = 17 V
Figure 8-3. TPS563206 Frequency vs Loading
Iout (A)
0
0.5
1
1.5
2
2.5
3
-0.8%
-0.6%
-0.4%
-0.2%
0
0.2%
0.4%
Vin = 6 V
Vin = 12 V
Vin = 17 V
Figure 8-4. TPS563203 Load Regulation vs Loading
Iout (A)
0
0.5
1
1.5
2
2.5
3
-1%
-0.8%
-0.6%
-0.4%
-0.2%
0
0.2%
0.4%
Vin = 6 V
Vin = 12 V
Vin = 17 V
Figure 8-5. TPS563206 Load Regulation vs Loading
Vin (V)
4
6
8
10
12
14
16
18
-0.2%
-0.15%
-0.1%
-0.05%
0
0.05%
0.1%
Figure 8-6. TPS563203 Line Regulation vs Vin with
3-A Loading
Iout (A)
0
0.5
1
1.5
2
2.5
3
-1%
-0.8%
-0.6%
-0.4%
-0.2%
0
0.2%
0.4%
Vin = 6 V
Vin = 12 V
Vin = 17 V
Figure 8-7. TPS563206 Line Regulation vs Vin with
3-A Loading
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com