Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS563203DRLR Datasheet(PDF) 15 Page - Texas Instruments

Part # XTPS563203DRLR
Description  TPS56320x 4.2-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPS563203DRLR Datasheet(HTML) 15 Page - Texas Instruments

Back Button XTPS563203DRLR Datasheet HTML 11Page - Texas Instruments XTPS563203DRLR Datasheet HTML 12Page - Texas Instruments XTPS563203DRLR Datasheet HTML 13Page - Texas Instruments XTPS563203DRLR Datasheet HTML 14Page - Texas Instruments XTPS563203DRLR Datasheet HTML 15Page - Texas Instruments XTPS563203DRLR Datasheet HTML 16Page - Texas Instruments XTPS563203DRLR Datasheet HTML 17Page - Texas Instruments XTPS563203DRLR Datasheet HTML 18Page - Texas Instruments XTPS563203DRLR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Table 8-2. Recommended Component Values (continued)
OUTPUT
VOLTAGE
(V)
R1 (kΩ)
R2 (kΩ)
Min L(uH)
TYP L (uH)
Max L(uH)
Min
Cout(uF)
Typ Cout(uF)
Max
Cout(uF)
Typ CFF(pF)
5
220.0
30.0
3.3
4.7
6.8
22
44
110
18
7
320.0
30.0
5.6
6.8
8.2
22
44
110
18
The inductor peak-to-peak ripple current, peak current and RMS current are calculated using Equation 5,
Equation 6, and Equation 7. The inductor saturation current rating must be greater than the calculated peak
current and the RMS or heating current rating must be greater than the calculated RMS current.
IN(MAX)
OUT
OUT
P P
IN(MAX)
O
SW
V
V
V
Il
V
L
f
u
u
(5)
P P
PEAK
O
Il
Il
I
2
(6)
2
2
LO(RMS)
O
P P
1
I
I
Il
12
(7)
For this design example, the calculated peak current is 3.68 A and the calculated RMS current is 3.03 A. The
inductor used is a WE 74437349022.
The capacitor value and ESR determines the amount of output voltage ripple. The TPS563203 are intended for
use with ceramic or other low ESR capacitors. TI recommends to use 2 × 22 µF output cap. Use Equation 8 to
determine the required RMS current rating for the output capacitor.
OUT
IN
OUT
CO(RMS)
IN
O
SW
V
V
V
I
12
V
L
f
u
u
u
u
(8)
For this design two MuRata GRM21BR61A226ME44L 22-µF output capacitors are used. The typical ESR is 2
mΩ each. The calculated RMS current is 0.286 A and each output capacitor is rated for 4 A.
8.2.2.3 Input Capacitor Selection
The TPS563203 require an input decoupling capacitor and a bulk capacitor is needed depending on the
application. TI recommends a ceramic capacitor over 10 µF for the decoupling capacitor. An additional 0.1-µF
capacitor (C3) from pin 3 to ground is optional to provide additional high frequency filtering. The capacitor
voltage rating must be greater than the maximum input voltage.
8.2.2.4 Bootstrap Capacitor Selection
A 0.1-µF ceramic capacitor must be connected between the BST to SW pin for proper operation. TI recommends
to use a ceramic capacitor.
www.ti.com
TPS563203, TPS563206
SLUSEZ4 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS563203 TPS563206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com