Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT70ZB1T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M28W320CT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT70ZB1T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M28W320CT70ZB1T Datasheet HTML 7Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 8Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 9Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 10Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 11Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 12Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 13Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 14Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11/42
M28W320CT, M28W320CB
Table 11. Protection States (1)
Note: 1. All blocks are protected at power-up, so the default configuration is 001 or 101 according to WP status.
2. Current state and Next state gives the protection status of a block. The protection status is defined by the write protect pin and by
DQ1 (= 1 for a locked block) and DQ0 (= 1 for a protected block) as read in the Read Electronic Signature instruction with A1 = VIH
and A0 = VIL.
3. Next state is the protection status of a block after a Protect or Unprotect or Lock command has been issued or after WP has changed
its logic value.
4. A WP transition to VIH on a locked block will restore the previous DQ0 value, giving a 111 or 110.
Table 12. Status Register Bits
Note: Logic level ’1’ is High, ’0’ is Low.
Current State (2)
Next State After Event (3)
(WP, DQ1, DQ0)
Program/Erase
Allowed
Protect
Unprotect
Lock
WP transition
100
yes
101
100
111
000
101
no
101
100
111
001
110
yes
111
110
111
011
111
no
111
110
111
011
000
yes
001
000
011
100
001
no
001
000
011
101
011
no
011
011
011
111 or 110 (4)
Mnemonic
Bit
Name
Logic
Level
Definition
Note
P/ECS
7
P/E.C. Status
’1’
Ready
Indicates the P/E.C. status, check during
Program or Erase, and on completion before
checking bits b4 or b5 for Program or Erase
Success.
’0’
Busy
ESS
6
Erase
Suspend
Status
’1’
Suspended
On an Erase Suspend instruction P/ECS and
ESS bits are set to ’1’. ESS bit remains ’1’ until an
Erase Resume instruction is given.
’0’
In progress or
Completed
ES
5
Erase Status
’1’
Erase Error
ES bit is set to ’1’ if P/E.C. has applied the
maximum number of erase pulses to the block
without achieving an erase verify.
’0’
Erase Success
PS
4
Program
Status
’1’
Program Error
PS bit set to ’1’ if the P/E.C. has failed to program
a word.
’0’
Program Success
VPPS
3
VPP Status
’1’
VPP Invalid, Abort
VPPS bit is set if the VPP voltage is below VPPLK
when a Program or Erase instruction is executed.
VPP is sampled only at the beginning of the
erase/program operation.
’0’
VPP OK
PSS
2
Program
Suspend
Status
’1’
Suspended
On a Program Suspend instruction P/ECS and
PSS bits are set to ’1’. PSS remains ’1’ until a
Program Resume Instruction is given.
’0’
In Progress or
Completed
BPS
1
Block
Protection
Status
’1’
Program/Erase on
protected Block,
Abort
BPS bit is set to ’1’ if a Program or Erase
operation has been attempted on a protected
block.
’0’
No operation to
protected blocks
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com