Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT70ZB1T Datasheet(PDF) 31 Page - STMicroelectronics

Part # M28W320CT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT70ZB1T Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M28W320CT70ZB1T Datasheet HTML 27Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 28Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 29Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 30Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 31Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 32Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 33Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 34Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31/42
M28W320CT, M28W320CB
Figure 13. Program Suspend & Resume Flowchart and Pseudo Code
Write 70h
Command
AI03540
Read Status
Register
YES
NO
b7=1
YES
NO
b2=1
Program Continues
Write a read
Command
PES instruction:
– write B0h command
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b2 = 0 Program completed
Write D0h
Command
PER instruction:
– write D0h command to resume
the program
– if the program operation completed
then this is not necessary.
The device returns to Read Array as
normal (as if the Program/Erase
suspend was not issued).
Read data from
another address
Start
Write B0h
Command
Program Complete
Write FFh
Command
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com