Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT70ZB1T Datasheet(PDF) 22 Page - STMicroelectronics

Part # M28W320CT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT70ZB1T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M28W320CT70ZB1T Datasheet HTML 18Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 19Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 20Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 21Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 22Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 23Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 24Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 25Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
M28W320CT, M28W320CB
22/42
Table 23. Read AC Characteristics (1)
(TA = 0 to 70°C or –40 to 85°C)
Note: 1. See AC Testing Measurement conditions for timi ng measurements.
2. Sampled only, not 100% tested.
3. G may be delayed by up to tELQV -tGLQV after the falling edge of E without increasing tELQV.
4. The device Reset is possible but not guaranteed if tPLPH < 100ns.
Symbol
Alt
Parameter
M28W320C
Unit
90
100
VDD = 2.7V to 3.6V
VDDQ = 2.7V min
VDD = 2.7V to 3.6V
VDDQ = 1.65V min
Min
Max
Min
Max
tAVAV
tRC
Address Valid to Next Address Valid
90
100
ns
tAVQV
tACC
Address Valid to Output Valid
90
100
ns
tAXQX
(2)
tOH
Address Transition to Output Transition
0
0
ns
tEHQX
(2)
tOH
Chip Enable High to Output Transition
0
0
ns
tEHQZ
(2)
tHZ
Chip Enable High to Output Hi-Z
25
30
ns
tELQV
(3)
tCE
Chip Enable Low to Output Valid
90
100
ns
tELQX
(2)
tLZ
Chip Enable Low to Output Transition
0
0
ns
tGHQX
(2)
tOH
Output Enable High to Output Transition
0
0
ns
tGHQZ
(2)
tDF
Output Enable High to Output Hi-Z
25
30
ns
tGLQV
(3)
tOE
Output Enable Low to Output Valid
30
35
ns
tGLQX
(2)
tOLZ
Output Enable Low to Output Transition
0
0
ns
tPHQV
tPWH
Reset High to Output Valid
150
150
ns
tPLPH
(2,4)
tRP
Reset Pulse Width
100
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com