Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT70ZB1T Datasheet(PDF) 32 Page - STMicroelectronics

Part # M28W320CT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT70ZB1T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M28W320CT70ZB1T Datasheet HTML 28Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 29Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 30Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 31Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 32Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 33Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 34Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 35Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
M28W320CT, M28W320CB
32/42
Figure 14. Erase Flowchart and Pseudo Code
Note: 1. If an error is found, the Status Register must be cleared (CLRS instruction) before further P/E.C. operations.
Write 20h
Command
AI03541
Start
Write Block Address
& D0h Command
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
NO
b4, b5 = 0
VPP Invalid
Error (1)
Command
Sequence Error (1)
EE instruction:
– write 20h command
– write Block Address (A12-A20) &
command D0h
(memory enters read status state after
the EE instruction)
do:
– read status register (E or G must be
toggled) if PES instruction given execute
suspend erase loop
while b7 = 1
If b3 = 1, VPP invalid error:
– error handler
If b4, b5 = 1, Command sequence error:
– error handler
YES
NO
b5 = 0
Erase Error (1)
YES
NO
Suspend
Suspend
Loop
If b5 = 1, Erase error:
– error handler
End
YES
NO
b1 = 0
Erase to Protected
Block Error (1)
If b1 = 1, Erase to protected block error:
– error handler
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com