Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT70ZB1T Datasheet(PDF) 17 Page - STMicroelectronics

Part # M28W320CT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT70ZB1T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M28W320CT70ZB1T Datasheet HTML 13Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 14Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 15Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 16Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 17Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 18Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 19Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 20Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17/42
M28W320CT, M28W320CB
Table 16. CFI Query System Interface Information
Offset
Data
Descriptio n
1Bh
0027h
VDD Logic Supply Minimum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 mV
1Ch
0036h
VDD Logic Supply Maximum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 mV
1Dh
00B4h
VPP [Programming] Supply Minimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
Note: This value must be 0000h if no VPP pin is present
1Eh
00C6h
VPP [Programming] Supply Maximum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
Note: This value must be 0000h if no VPP pin is present
1Fh
0004h
Typical timeout per single byte/word program (multi-byte program count = 1), 2n
µs
(if supported; 0000h = not supported)
20h
0000h
Typical timeout for maximum-size multi-byte program or page write, 2n
µs
(if supported; 0000h = not supported)
21h
000Ah
Typical timeout per individual block erase, 2n ms
(if supported; 0000h = not supported)
22h
0000h
Typical timeout for full chip erase, 2n ms
(if supported; 0000h = not supported)
23h
0004h
Maximum timeout for byte/word program, 2n times typical (offset 1Fh)
(0000h = not supported)
24h
0000h
Maximum timeout for multi-byte program or page write, 2n times typical (offset 20h)
(0000h = not supported)
25h
0003h
Maximum timeout per individual block erase, 2n times typical (offset 21h)
(0000h = not supported)
26h
0000h
Maximum timeout for chip erase, 2n times typical (offset 22h)
(0000h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com