Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT70ZB1T Datasheet(PDF) 24 Page - STMicroelectronics

Part # M28W320CT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT70ZB1T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M28W320CT70ZB1T Datasheet HTML 20Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 21Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 22Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 23Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 24Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 25Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 26Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 27Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
M28W320CT, M28W320CB
24/42
Table 24. Write AC Characteristics, Write Enable Controlled (1)
(TA = 0 to 70°C or –40 to 85°C)
Note: 1. See AC Testing Measurement conditions for timi ng measurements.
2. Sampled only, not 100% tested.
3. The device Reset is possible but not guaranteed if tPLPH < 100ns.
4. The reset will complete within 100ns if RP is asserted while not in Program nor in Erase mode.
5. Applicable if VPP is seen as a logic input (VPP < 3.6V).
Symbol
Alt
Parameter
M28W320C
Unit
90
100
VDD = 2.7V to 3.6V
VDDQ = 2.7V min
VDD = 2.7V to 3.6V
VDDQ = 1.65V min
Min
Max
Min
Max
tAVAV
tWC
Write Cycle Time
90
100
ns
tAVWH
tAS
Address Valid to Write Enable High
50
50
ns
tDVWH
tDS
Data Valid to Write Enable High
50
50
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tPHWL
tPS
Reset High to Write Enable Low
90
100
ns
tPLPH
(2, 3)
tRP
Reset Pulse Width
100
100
ns
tPLRH
(2, 4)
Reset Low to Program/Erase Abort
30
30
µs
tQVVPL
(2, 5)
Output Valid to VPP Low
00
ns
tQVWPL
Data Valid to Write Protect Low
0
0
ns
tVPHWH
(2)
tVPS
VPP High to Write Enable High
200
200
ns
tWHAX
tAH
Write Enable High to Address Transition
0
0
ns
tWHDX
tDH
Write Enable High to Data Transition
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHGL
Write Enable High to Output Enable Low
30
30
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
30
30
ns
tWLWH
tWP
Write Enable Low to Write Enable High
50
50
ns
tWPHWH
Write Protect High to Write Enable High
50
50
ns
tAVAV
tWC
Write Cycle Time
90
100
ns
tAVWH
tAS
Address Valid to Write Enable High
50
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com