Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT70ZB1T Datasheet(PDF) 18 Page - STMicroelectronics

Part # M28W320CT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT70ZB1T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M28W320CT70ZB1T Datasheet HTML 14Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 15Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 16Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 17Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 18Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 19Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 20Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 21Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
M28W320CT, M28W320CB
18/42
Table 17. Device Geometry Definition
Offset Word
Mode
Data
Description
27h
0016h
Device Size = 2n in number of bytes
28h
0001h
Flash Device Interface Code description: Asynchronous x16
29h
0000h
2Ah
0000h
Maximum number of bytes in multi-byte program or page = 2n
2Bh
0000h
2Ch
0002h
Number of Erase Block Regions within device
bit 7 to 0 = x = number of Erase Block Regions
Note:1. x = 0 means no erase blocking, i.e. the device erases at once in ”bulk.”
2. x specifies the number of regions within the device containing one or more con-
tiguous Erase Blocks of the same size.
For example, a 128KB device (1Mb)
having blocking of 16KB, 8KB, four 2KB, two 16KB, and one 64KB is consid-
ered to have 5 Erase Block Regions.
Even though two regions both contain
16KB blocks, the fact that they are not contiguous means they are separate
Erase Block Regions.
3. By definition, symmetrically block devices have only one blocking region.
M28W320CT
M28W320CT
Erase Block Region Information
bit 31 to 16 = z, where the Erase Block(s) within this Region are (z) times 256 bytes in
size. The value z = 0 is used for 128 byte block size.
e.g. for 64KB block size, z = 0100h = 256 => 256 * 256 = 64K
bit 15 to 0 = y, where y+1 = Number of Erase Blocks of identical size within the Erase
Block Region:
e.g.
y = D15-D0 = FFFFh => y+1 = 64K blocks [maximum number]
y = 0 means no blocking (# blocks = y+1 = ”1 block”)
Note: y = 0 value must be used with number of block regions of one as indicated
by (x) = 0
2Dh
001Eh
2Eh
0000h
2Fh
0000h
30h
0001h
31h
0007h
32h
0000h
33h
0020h
34h
0000h
M28W320CB
M28W320CB
2Dh
0007h
2Eh
0000h
2Fh
0020h
30h
0000h
31h
001Eh
32h
0000h
33h
0000h
34h
0001h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com