Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT70ZB1T Datasheet(PDF) 34 Page - STMicroelectronics

Part # M28W320CT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT70ZB1T Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M28W320CT70ZB1T Datasheet HTML 30Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 31Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 32Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 33Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 34Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 35Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 36Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 37Page - STMicroelectronics M28W320CT70ZB1T Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
M28W320CT, M28W320CB
34/42
Figure 16. Command Interface and Program Erase Controller Flowchart (a)
Note: 1. If no command is written, the Command Interface remains in its previous valid state. Upon power-up, on exit from power-down or
if VDD falls below VLKO, the Command Interface defaults to Read Array mode.
2. P/E.C. status (Ready or Busy) is read on Status Register bit 7.
AI03543
READ
SIGNATURE
YES
NO
90h
READ
STATUS
YES
70h
NO
CLEAR
STATUS
YES
50h
NO
PROGRAM
SET-UP
YES
40h or
10h
NO
ERASE
SET-UP
YES
20h
NO
ERASE
COMMAND
ERROR
YES
FFh
WAIT FOR
COMMAND
WRITE (1)
READ
STATUS
READ
ARRAY
YES
D0h
NO
A
B
NO
C
CFI
QUERY
YES
98h
NO
YES
60h
NO
BP/BU/BL
SET-UP
PRP
SET-UP
YES
C0h
NO
DPG
SET-UP
YES
30h
NO
C
D
01h
D0h
2Fh
PRP
READY
(2)
B
NO
NO
NO
NO
BP/BU/BL
COMMAND
ERROR
BLOCK
PROTECT
BLOCK
UNPROTECT
BLOCK
LOCK
YES
YES
YES
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com