Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 174Page - STMicroelectronics STM32U595AI Datasheet HTML 175Page - STMicroelectronics STM32U595AI Datasheet HTML 176Page - STMicroelectronics STM32U595AI Datasheet HTML 177Page - STMicroelectronics STM32U595AI Datasheet HTML 178Page - STMicroelectronics STM32U595AI Datasheet HTML 179Page - STMicroelectronics STM32U595AI Datasheet HTML 180Page - STMicroelectronics STM32U595AI Datasheet HTML 181Page - STMicroelectronics STM32U595AI Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 377 page
background image
Electrical characteristics
STM32U59xxx
178/377
DS13633 Rev 1
Figure 24. STM32U59xxxxxQ power supply scheme (with SMPS)
Note:
SMPS and LDO regulators provide, in a concurrent way, the VCORE supply depending on
application requirements. However, only one of them is active at the same time. When
MSv67887V2
VDDIO2
VDD
Kernel logic
(CPU, digital
and memories)
I/O
logic
Backup circuitry
(LSE, RTC, TAMP,
backup registers,
backup SRAM)
IN
OUT
GPIOs
1.65 – 3.6 V
IN
OUT
GPIOs
n x 100 nF
+ 10 μF
m x100 nF
I/O
logic
+ 4.7 μF
m x VDDIO2
m x VSS
n x VSS
n x VDD
VBAT
VCORE
Power switch
VDDIO2
VDDIO1
ADCs/
DACs/
OPAMPs/
COMPs/
VREFBUF
VREF+
VREF-
VDDA
100 nF
+ 1 μF
VDDA
VSSA
VREF
100 nF+ 1 μF
VSSSMPS
2 x VDD11
VLXSMPS
VDDSMPS
VDD
2.2 μH
2 x 2.2 μF
10 μF
SMPS ON
SMPS OFF
LDO
SMPS
VDDUSB
VDDUSB
100 nF
Voltage regulator
VDDDSI
100 nF
VDD11
(1)
VDD11USB
(1)
VDD11DSI
(1) Only available on specific
packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com