Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 179 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 175Page - STMicroelectronics STM32U595AI Datasheet HTML 176Page - STMicroelectronics STM32U595AI Datasheet HTML 177Page - STMicroelectronics STM32U595AI Datasheet HTML 178Page - STMicroelectronics STM32U595AI Datasheet HTML 179Page - STMicroelectronics STM32U595AI Datasheet HTML 180Page - STMicroelectronics STM32U595AI Datasheet HTML 181Page - STMicroelectronics STM32U595AI Datasheet HTML 182Page - STMicroelectronics STM32U595AI Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 377 page
background image
DS13633 Rev 1
179/377
STM32U59xxx
Electrical characteristics
343
SMPS is active, it feeds the VCORE on the two VDD11 pins supplied by the filtered SMPS
VLXSMPS output pin. A 2.2 µH coil and a 2.2 µF capacitor on two VDD11 pins are then
required. When LDO is active, it supplies the VCORE and regulates it using the same
capacitors on VDD11 pins. It is recommended to add a decoupling capacitor of 100 nF near
each VDD11 pin/ball, but it is not mandatory.
Caution:
Each power supply pair (such as VDD/VSS or VDDA/VSSA) must be decoupled with filtering
ceramic capacitors as shown above. These capacitors must be placed as close as possible
to, or below, the appropriate pins on the underside of the PCB to ensure the good
functionality of the device.
5.1.7
Current consumption measurement
The IDD parameters given in various tables in the next sections, represent the total MCU
consumption including the current supplying VDD, VDDIO2, VDDA, VDDUSB, VDDDSI, VBAT and
VDDSMPS (if the device embeds the SMPS).
Figure 25. Current consumption measurement
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 29, Table 30 and Table 31
may cause permanent damage to the device. These are stress ratings only and the
functional operation of the device at these conditions is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability. Device mission profile
(application conditions) is compliant with JEDEC JESD47 qualification standard, extended
mission profiles are available on demand.
MSv67884V2
IDD_VBAT
IDD
VBAT
VDD
VDDDSI
VDDUSB
VDDSMPS
VDDIO2
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com