Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 183 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 179Page - STMicroelectronics STM32U595AI Datasheet HTML 180Page - STMicroelectronics STM32U595AI Datasheet HTML 181Page - STMicroelectronics STM32U595AI Datasheet HTML 182Page - STMicroelectronics STM32U595AI Datasheet HTML 183Page - STMicroelectronics STM32U595AI Datasheet HTML 184Page - STMicroelectronics STM32U595AI Datasheet HTML 185Page - STMicroelectronics STM32U595AI Datasheet HTML 186Page - STMicroelectronics STM32U595AI Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 377 page
background image
DS13633 Rev 1
183/377
STM32U59xxx
Electrical characteristics
343
VCORE
Internal regulator
ON
Range 1
1.15
1.21
1.27
V
Range 2
1.05
1.1
1.15
Range 3
0.95
1.0
1.05
Range 4
0.81
0.9
0.99
fHCLK
AHB clock
frequency
Range 1
-
-
160
MHz
Range 2
-
-
110
Range 3
-
-
55
Range 4
-
-
25
fPCLKx
(x = 1, 2, 3)
APB1, APB2,
APB3 clock
frequency
Range 1
-
-
160
Range 2
-
-
110
Range 3
-
-
55
Range 4
-
-
25
PD
Power dissipation
at TA = 85 °C
for suffix 6(7)
LQFP64
See Section 6.9: Package thermal
characteristics for application appropriate
thermal resistance and package. The power
dissipation is then calculated according
ambient temperature (TA) and maximum
junction temperature (TJ) and selected thermal
resistance.
mW
LPQF100
UFBGA132
LQFP144
WLCSP150
TFBGA169
WLCSP208
TFBGA216
Power dissipation
at TA = 125 °C
for suffix 3(7)
LQFP64
LPQF100
UFBGA132
LQFP144
WLCSP150
TFBGA169
WLCSP208
TFBGA216
Table 32. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com