Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 182Page - STMicroelectronics STM32U595AI Datasheet HTML 183Page - STMicroelectronics STM32U595AI Datasheet HTML 184Page - STMicroelectronics STM32U595AI Datasheet HTML 185Page - STMicroelectronics STM32U595AI Datasheet HTML 186Page - STMicroelectronics STM32U595AI Datasheet HTML 187Page - STMicroelectronics STM32U595AI Datasheet HTML 188Page - STMicroelectronics STM32U595AI Datasheet HTML 189Page - STMicroelectronics STM32U595AI Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 377 page
background image
Electrical characteristics
STM32U59xxx
186/377
DS13633 Rev 1
5.3.4
Embedded voltage reference
The parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Table 32.
IDD_BOR0(2)
Additional BOR0 consumption if
ULPMEN = 0 versus ULPMEN = 1
Standby mode
-
60
-
nA
IDD_BOR_PVD(2)
BOR(3) (except BOR0) and PVD
consumption from VDD(4)
--
1
1.5
µA
VBOR_VBAT
VBAT brownout reset threshold
-
1.58
-
1.65
V
tVBAT_BOR
_sampling
VBAT BOR sampling period
in VBAT mode
MONEN = 0(5)
-0.5
2.5
s
VAVM1
VDDA voltage monitor 1 threshold
Rising edge
1.61
1.68
1.75
V
Falling edge
1.58
1.65
1.71
VAVM2
VDDA voltage monitor 2 threshold
Rising edge
1.77
1.86
1.95
Falling edge
1.73
1.82
1.9
VIO2VM
VDDIO2 voltage monitor threshold
-
0.96
1.01
1.05
VUVM
VDDUSB voltage monitor threshold
-
1.15
1.22
1.28
Vhyst_AVM
Hysteresis of VDDA voltage monitor
-
-
40
-
mV
IDD_VM(2)
Voltage monitor consumption from
VDD (AVM1, AVM2, IO2VM or UVM
single instance)
--
0.4
0.6
µA
IDD_AVM_A(2)
VDDA voltage monitor consumption
from VDDA (resistor bridge)
-
-
1.25
1.85
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Specified by design. Not tested in production
3. BOR0 is enabled in all modes (except Shutdown), and its consumption is therefore included in the supply current
characteristics tables.
4. This is also the consumption saved in Standby mode when ULPMEN = 1.
5. VBAT brownout reset monitoring is discontinuous when MONEN = 0 in PWR_BDCR1, and is continuous when MONEN = 1.
Table 34. Embedded reset and power control block characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 35. Embedded internal voltage reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT(1)
Internal reference voltage
Range 1, 2, 3
1.175 1.215 1.255
V
Range 4 and
low-power modes
1.170 1.215 1.260
tS_vrefint(2)(3)
ADC sampling time when reading
the internal reference voltage
-
12.65
-
-
µs
tstart_vrefint(3)
Start time of reference voltage buffer
when the ADC is enabled
--
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com