Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 184 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 184 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 180Page - STMicroelectronics STM32U595AI Datasheet HTML 181Page - STMicroelectronics STM32U595AI Datasheet HTML 182Page - STMicroelectronics STM32U595AI Datasheet HTML 183Page - STMicroelectronics STM32U595AI Datasheet HTML 184Page - STMicroelectronics STM32U595AI Datasheet HTML 185Page - STMicroelectronics STM32U595AI Datasheet HTML 186Page - STMicroelectronics STM32U595AI Datasheet HTML 187Page - STMicroelectronics STM32U595AI Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 377 page
background image
Electrical characteristics
STM32U59xxx
184/377
DS13633 Rev 1
5.3.2
Operating conditions at power-up/power-down
The parameters given in the table below are derived from tests performed under the
ambient temperature condition summarized in Table 32.
TA
Ambient
temperature
for suffix 6
Maximum power
dissipation
–40
85
°C
Low-power dissipation(8)
–40
105
Ambient
temperature
for suffix 3
Maximum power
dissipation
–40
125
Low-power dissipation(8)
–40
130
TJ
Junction
temperature range
Suffix 6 version
–40
105
Suffix 3 version
–40
130
1. HSLV means high-speed low-voltage mode (refer to the product reference manual).
2. When RESET is released, the functionality is guaranteed down to VBORx min.
3. In VBAT mode, the functionality is guaranteed down to VBOR_VBAT min.
4. This formula has to be applied only on the power supplies related to the I/O structure described by the pin definition table.
The maximum I/O input voltage is the smallest value between Min (VDD, VDDA, VDDUSB, VDDIO2)+3.6 V, and 5.5V.
5. For operation with voltage higher than Min (VDD, VDDA, VDDUSB, VDDIO2) +0.3 V, the internal pull-up and pull-down resistors
must be disabled.
6. The I/Os powered by VSW are:
- PC13, PC14, PC15 when VDD is present,
- PC13, PC14, PC15, and all FT_t I/Os in VBAT mode.
7. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Section 6.9: Package thermal
characteristics).
8. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJ max (see Section 6.9:
Package thermal characteristics).
Table 32. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 33. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise-time rate
-
0
∞
µs/V
VDD fall-time rate
ULPMEN = 0 (default value)
20
∞
Standby mode, BOR level 0 selected
with ULPMEN = 1
250
∞
ms/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com