Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 180 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 176Page - STMicroelectronics STM32U595AI Datasheet HTML 177Page - STMicroelectronics STM32U595AI Datasheet HTML 178Page - STMicroelectronics STM32U595AI Datasheet HTML 179Page - STMicroelectronics STM32U595AI Datasheet HTML 180Page - STMicroelectronics STM32U595AI Datasheet HTML 181Page - STMicroelectronics STM32U595AI Datasheet HTML 182Page - STMicroelectronics STM32U595AI Datasheet HTML 183Page - STMicroelectronics STM32U595AI Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 377 page
background image
Electrical characteristics
STM32U59xxx
180/377
DS13633 Rev 1
Table 29. Voltage characteristics(1) (2)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including
VDDSMPS, VDDA, VDDUSB, VDDDSI,
VBAT, VREF+)
-0.3
4.0
V
VDDIOx(3) - VSS
I/O supply when HSLV = 0
-0.3
4.0
I/O supply when HSLV = 1
-0.3
2.75
VIN(4)
Input voltage on FT_xx pins except
FT_c pins
VSS - 0.3
Min (min (VDD, VDDA, VDDUSB, VDDIO2)
+ 4.0, 6.0)(5)(6)
Input voltage on FT_t pins in
VBAT mode
VSS - 0.3
Min (min (VBAT, VDDA, VDDUSB,
VDDIO2) + 4.0, 6.0)(5)(6)
Input voltage on FT_c pins
VSS - 0.3
5.5
Input voltage on any other pins
VSS - 0.3
4.0
VREF+ - VDDA
Allowed voltage difference for
VREF+ > VDDA
-0.4
|∆VDDx|
Variations between different VDDx
power pins of the same domain
-50.0
mV
|VSSx-VSS|
Variations between all the different
ground pins(7)
-50.0
1. All main power (VDD, VDDSMPS, VDDA, VDDUSB, VDDIO2, VDDDSI, VBAT) and ground (VSS, VSSA, VSSSMPS) pins
must always be connected to the external power supply, in the permitted range.
2. The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed.
For instance TT_a refers to any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
3. VDDIO1 or VDDIO2, VDDIO1 = VDD.
4. VIN maximum must always be respected. Refer to Table 30 for the maximum allowed injected current values.
5. To sustain a voltage higher than 4 V, the internal pull-up/pull-down resistors must be disabled.
6. This formula has to be applied only on the power supplies related to the I/O structure described in the pin definition table.
7. Including VREF- pin.
Table 30. Current characteristics
Symbol
Ratings
Max
Unit
∑IVDD
Total current into sum of all VDD power lines (source)(1)
200
mA
∑IVSS
Total current out of sum of all VSS ground lines (sink)(1)
200
IVDD
Maximum current into each VDD power pin (source)(1)
100
IVSS
Maximum current out of each VSS ground pin (sink)(1)
100
IIO
Output current sunk by any I/O and control pin
20
Output current sourced by any I/O and control pin
20
∑I(PIN)
Total output current sunk by sum of all I/Os and control pins(2)
120
Total output current sourced by sum of all I/Os and control pins(2)
120
IINJ(PIN)(3)(4) Injected current on FT_xx, TT_xx, RST pins
-5/+0
∑|IINJ(PIN)|
Total injected current (sum of all I/Os and control pins)(5)
±25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com