Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 185Page - STMicroelectronics STM32U595AI Datasheet HTML 186Page - STMicroelectronics STM32U595AI Datasheet HTML 187Page - STMicroelectronics STM32U595AI Datasheet HTML 188Page - STMicroelectronics STM32U595AI Datasheet HTML 189Page - STMicroelectronics STM32U595AI Datasheet HTML 190Page - STMicroelectronics STM32U595AI Datasheet HTML 191Page - STMicroelectronics STM32U595AI Datasheet HTML 192Page - STMicroelectronics STM32U595AI Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 377 page
background image
Table 36. Current consumption in Run mode on LDO, code with data processing
running from flash memory, ICACHE ON in 1-way, prefetch ON(1)
1. The current consumption from SRAM is similar.
Parameter
Conditions
Typ
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C
55°C 85°C 105°C 125°C
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 4
24
1.85
2.35
3.65
5.40
8.50
mA
16
1.45
1.90
3.20
5.00
8.05
12
1.20
1.65
2.95
4.75
7.80
4
0.65
1.15
2.45
4.20
7.25
2
0.53
1.00
2.30
4.05
7.15
1
0.47
0.95
2.25
4.00
7.10
0.4
0.43
0.91
2.20
3.95
7.05
0.1
0.41
0.89
2.20
3.95
7.00
fHCLK = PLL on HSE 16 MHz
in bypass mode,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 1
160
14.00
15.00 17.50 20.50
25.00
140
12.50
13.50 16.00 18.50
23.50
120
11.00
12.00 14.00 17.00
22.00
Range 2
110
9.15
9.90 12.00 14.00
18.50
72
6.35
7.10
8.95
11.50
15.50
64
5.80
6.50
8.35
11.00
15.00
fHCLK = fHSE bypass mode,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 3
55
4.60
5.20
6.75
8.80
12.50
32
2.95
3.55
5.10
7.15
10.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com