Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 193 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 189Page - STMicroelectronics STM32U595AI Datasheet HTML 190Page - STMicroelectronics STM32U595AI Datasheet HTML 191Page - STMicroelectronics STM32U595AI Datasheet HTML 192Page - STMicroelectronics STM32U595AI Datasheet HTML 193Page - STMicroelectronics STM32U595AI Datasheet HTML 194Page - STMicroelectronics STM32U595AI Datasheet HTML 195Page - STMicroelectronics STM32U595AI Datasheet HTML 196Page - STMicroelectronics STM32U595AI Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 377 page
background image
IDD
(Run)
Supply
current in
Run mode
fHCLK = fPLL = 160 MHz,
PLL on HSE 16 MHz in bypass
mode,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 1
Reduced Code
14
14
14
mA
88
88
88
µA/MHz
CoreMark
14.5
14.5
14.5
91
91
91
SecureMark
16
16
16
100
100
100
Dhrystone 2.1
15
15
15
94
94
94
Fibonacci
11.5
11.5
11.5
72
72
72
While(1)
10.5
10.5
10.5
66
66
66
fHCLK = fPLL = 110 MHz,
PLL on HSE 16 MHz in bypass
mode,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 2
Reduced Code
9.15
9.15
9.15
83
83
83
CoreMark
9.2
9.25
9.25
84
84
84
SecureMark
10
10
10
91
91
91
Dhrystone 2.1
9.75
9.8
9.8
89
89
89
Fibonacci
7.55
7.6
7.6
69
69
69
While(1)
6.7
6.75
6.75
61
61
61
fHCLK = fHSE = 55 MHz,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 3
Reduced Code
4.5
4.6
4.6
82
84
84
CoreMark
4.6
4.65
4.7
84
85
85
SecureMark
5
5.05
5.1
91
92
93
Dhrystone 2.1
4.85
4.9
4.9
88
89
89
Fibonacci
3.7
3.8
3.8
67
69
69
While(1)
3.25
3.35
3.35
59
61
61
1. The current consumption from SRAM is similar.
Table 40. Typical current consumption in Run mode on LDO, with different codes
running from flash memory, ICACHE ON (1-way), prefetch ON(1) (continued)
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8V
3V
3.3V
1.8V
3V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com