Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 195 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 195 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 191Page - STMicroelectronics STM32U595AI Datasheet HTML 192Page - STMicroelectronics STM32U595AI Datasheet HTML 193Page - STMicroelectronics STM32U595AI Datasheet HTML 194Page - STMicroelectronics STM32U595AI Datasheet HTML 195Page - STMicroelectronics STM32U595AI Datasheet HTML 196Page - STMicroelectronics STM32U595AI Datasheet HTML 197Page - STMicroelectronics STM32U595AI Datasheet HTML 198Page - STMicroelectronics STM32U595AI Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 377 page
background image
IDD
(Run)
Supply
current in
Run mode
fHCLK = fHSE = 55 MHz,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 3
Reduced Code
3.15
2.3
2.2
mA
57
42
40
µA/MHz
CoreMark
3.2
2.35
2.2
58
43
40
SecureMark
3.5
2.5
2.4
64
45
44
Dhrystone 2.1
3.35
2.45
2.3
61
45
42
Fibonacci
2.65
1.95
1.85
48
35
34
While(1)
2.35
1.75
1.7
43
32
31
1. The current consumption from SRAM is similar.
Table 41. Typical current consumption in Run mode on SMPS, with different codes
running from flash memory, ICACHE ON (1-way), prefetch ON(1) (continued)
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8V
3V
3.3V
1.8V
3V
3.3V
Table 42. Typical current consumption in Run mode on LDO, with different codes running
from flash memory in low-power mode, ICACHE ON (1-way), prefetch ON
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8V
3V
3.3V
1.8V
3V
3.3V
IDD
(Run)
Supply
current in
Run mode
fHCLK = fMSI = 24 MHz,
all peripherals disabled,
Flash bank 1 in low power,
Flash bank 2 in power down,
SRAM2 enabled,
SRAM1/3/4/5 in power down
Range 4
Reduced Code
1.65
1.65
1.65
mA
68.8
68.8
68.8
µA/MHz
CoreMark
1.65
1.65
1.65
68.8
68.8
68.8
SecureMark
1.8
1.8
1.8
75
75
75
Dhrystone 2.1
1.75
1.75
1.75
72.9
72.9
72.9
Fibonacci
1.4
1.4
1.4
58.3
58.3
58.3
While(1)
1.2
1.2
1.2
50
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com