Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 199 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 195Page - STMicroelectronics STM32U595AI Datasheet HTML 196Page - STMicroelectronics STM32U595AI Datasheet HTML 197Page - STMicroelectronics STM32U595AI Datasheet HTML 198Page - STMicroelectronics STM32U595AI Datasheet HTML 199Page - STMicroelectronics STM32U595AI Datasheet HTML 200Page - STMicroelectronics STM32U595AI Datasheet HTML 201Page - STMicroelectronics STM32U595AI Datasheet HTML 202Page - STMicroelectronics STM32U595AI Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 377 page
background image
Table 46. Current consumption in Sleep mode on SMPS, flash memory in power down, VDD = 3.0 V
Parameter
Conditions
Typ at VDD = 3.0 V
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C
55°C
85°C
105°C
125°C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK = fMSI,
all peripherals disabled
Range 4
24
0.29
0.48
1.00
1.70
2.85
mA
16
0.25
0.44
0.96
1.65
2.80
12
0.22
0.41
0.94
1.60
2.80
4
0.16
0.35
0.87
1.55
2.75
2
0.15
0.34
0.86
1.55
2.70
1
0.14
0.33
0.85
1.55
2.70
0.4
0.14
0.33
0.85
1.50
2.70
0.1
0.14
0.33
0.85
1.50
2.70
fHCLK = PLL on HSE
16 MHz in bypass mode,
all peripherals disabled
Range 1
160
2.80
3.25
4.40
5.85
8.25
140
2.55
3.05
4.15
5.60
8.00
120
2.35
2.80
3.90
5.35
7.75
Range 2
110
1.85
2.20
3.05
4.20
6.10
72
1.50
1.85
2.70
3.80
5.70
64
1.40
1.75
2.60
3.70
5.60
fHCLK = fHSE bypass mode,
all peripherals disabled
Range 3
55
1.05
1.30
1.95
2.85
4.40
32
0.82
1.10
1.75
2.65
4.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com