Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 201 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 201 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 197Page - STMicroelectronics STM32U595AI Datasheet HTML 198Page - STMicroelectronics STM32U595AI Datasheet HTML 199Page - STMicroelectronics STM32U595AI Datasheet HTML 200Page - STMicroelectronics STM32U595AI Datasheet HTML 201Page - STMicroelectronics STM32U595AI Datasheet HTML 202Page - STMicroelectronics STM32U595AI Datasheet HTML 203Page - STMicroelectronics STM32U595AI Datasheet HTML 204Page - STMicroelectronics STM32U595AI Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 377 page
background image
IDD
(SRAM1)
SMPS
(VDD = 1.8V)
SRAM1 supply current in
Run/Sleep mode
(SRAM1PD = 1 versus
SRAM1PD = 0)
Range 4
24
0.03
0.06
0.20
0.42
0.76
mA
Range 1
160
0.12
0.22
0.50
0.86
1.50
Range 2
110
0.07
0.16
0.37
0.65
1.15
Range 3
55
0.05
0.11
0.28
0.52
0.92
IDD
(SRAM3)
SRAM3 supply current in
Run/Sleep mode
(SRAM3PD = 1 versus
SRAM3PD = 0)
Range 4
24
0.03
0.06
0.22
0.46
0.82
Range 1
160
0.12
0.24
0.54
0.93
1.60
Range 2
110
0.08
0.17
0.40
0.71
1.25
Range 3
55
0.05
0.12
0.31
0.56
0.99
IDD
(SRAM5)
SRAM5 supply current in
Run/Sleep mode
(SRAM5PD = 1 versus
SRAM5PD = 0)
Range 4
24
0.03
0.06
0.22
0.46
0.83
Range 1
160
0.13
0.24
0.55
0.94
1.60
Range 2
110
0.08
0.17
0.41
0.72
1.25
Range 3
55
0.05
0.12
0.31
0.56
1.00
Table 47. SRAM1/SRAM3/SRAM5 current consumption in Run/Sleep mode with LDO and SMPS (continued)
Parameter
Conditions
Typ
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com