Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 198 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 194Page - STMicroelectronics STM32U595AI Datasheet HTML 195Page - STMicroelectronics STM32U595AI Datasheet HTML 196Page - STMicroelectronics STM32U595AI Datasheet HTML 197Page - STMicroelectronics STM32U595AI Datasheet HTML 198Page - STMicroelectronics STM32U595AI Datasheet HTML 199Page - STMicroelectronics STM32U595AI Datasheet HTML 200Page - STMicroelectronics STM32U595AI Datasheet HTML 201Page - STMicroelectronics STM32U595AI Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 377 page
background image
Table 45. Current consumption in Sleep mode on SMPS, flash memory in power down
Parameter
Conditions
Typ at VDD = 1.8 V
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C
55°C
85°C
105°C
125°C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK = fMSI,
all peripherals disabled
Range 4
24
0.47
0.81
1.60
2.70
4.60
mA
16
0.39
0.72
1.55
2.65
4.55
12
0.36
0.66
1.50
2.60
4.50
4
0.22
0.50
1.40
2.50
4.40
2
0.21
0.48
1.40
2.50
4.40
1
0.20
0.48
1.35
2.50
4.40
0.4
0.19
0.47
1.35
2.45
4.35
0.1
0.19
0.47
1.35
2.45
4.40
fHCLK = PLL on HSE
16 MHz in bypass mode,
all peripherals disabled
Range 1
160
3.95
4.60
6.35
8.50
12.00
140
3.60
4.25
5.95
8.15
12.00
120
3.25
3.90
5.60
7.80
11.50
Range 2
110
2.50
3.00
4.30
6.00
8.85
72
1.95
2.45
3.75
5.45
8.30
64
1.80
2.35
3.65
5.30
8.20
fHCLK = fHSE bypass mode,
all peripherals disabled
Range 3
55
1.25
1.65
2.65
4.00
6.30
32
0.98
1.35
2.40
3.70
6.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com