Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 182Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 183Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 184Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 185Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 186Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 187Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 188Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 189Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 278 page
background image
Electrical characteristics
STM32U535xx
186/278
DS14217 Rev 1
Figure 30. AC timing diagram for low-speed external sinusoidal clock source
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 48 MHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on design
simulation results obtained with typical external components specified in the table below.
In the application, the resonator and the load capacitors have to be placed as close as
possible to the oscillator pins, in order to minimize the output distortion and startup
stabilization time. Refer to the crystal resonator manufacturer for more details on the
resonator characteristics (frequency, package, accuracy).
MSv69160V1
VLSE_ext
VLSE_ext_PP
t
tLSE_ext = 1/fLSE_ext
Table 78. HSE oscillator characteristics(1)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit
fOSC_IN Oscillator frequency
-
4
-
50
MHz
RF
Feedback resistor
-
-
200
-
kΩ
IDD(HSE)
HSE current
consumption
During startup(3)
--
8
μA
VDD = 3 V, Rm = 30 Ω, CL = 10 pF @ 4 MHz
-
790
-
VDD = 3 V, Rm = 30 Ω, CL = 10 pF @ 8 MHz
-
910
-
VDD = 3 V, Rm = 45 Ω, CL = 10 pF @ 8 MHz
-
930
-
VDD = 3 V, Rm = 30 Ω, CL = 5 pF @ 48 MHz
-
1430
-
VDD = 3 V, Rm = 30 Ω, CL = 10 pF @ 48 MHz
-
1960
-
VDD = 3 V, Rm = 30 Ω, CL = 20 pF @ 48 MHz
-
3000
-
Gmcritmax
Maximum critical crystal
transconductance Gm
Startup
-
-
1.5
mA/V
tsu(HSE)
(4)
Startup time
VDD stabilized
-
2
-
ms
1. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com