Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 184Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 185Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 186Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 187Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 188Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 189Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 190Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 191Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 278 page
background image
Electrical characteristics
STM32U535xx
188/278
DS14217 Rev 1
Note:
For information on selecting the crystal, refer to the application note ‘Oscillator design guide
for STM8AF/AL/S, STM32 MCUs and MPUs’ (AN2867).
Figure 32. Typical application with a 32.768 kHz crystal
Note:
An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden
to add one.
Gmcritmax
Maximum critical
crystal Gm
LSEDRV[1:0] = 00, low-drive capability
-
-
0.5
µA/V
LSEDRV[1:0] = 01, medium low-drive capability
-
-
0.75
LSEDRV[1:0] = 10, medium high-drive capability
-
-
1.7
LSEDRV[1:0] = 11, high-drive capability
-
-
2.7
CS_PARA
Internal stray
parasitic
capacitance(3)
--
3
-
pF
tSU(LSE)(4) Startup time
VDD is stabilized
-
2
-
s
1. Specified by design. Not tested in production.
2. Refer to the note below this table.
3. CS_PARA is the equivalent capacitance seen by the crystal due to OSC32_IN and OSC32_OUT internal parasitic
capacitances.
4.
tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is
reached. This value is measured for a standard crystal and it can vary significantly with the crystal manufacturer
Table 79. LSE oscillator characteristics (fLSE = 32.768 kHz)(1) (continued)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit
MSv70418V1
OSC32_IN
OSC32_OUT
Drive
programmable
amplifier
fLSE
32.768 kHz resonator
Resonator with integrated capacitors
CL1
CL2
CS
Note:
CL1 and CL2 are external load capacitances. Cs (stray capacitance) is the sum of the device OSC32_IN/OSC32_OUT pins
equivalent parasitic capacitance (CS_PARA), and the PCB parasitic capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com