Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 190 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 190 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 186Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 187Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 188Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 189Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 190Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 191Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 192Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 193Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 278 page
background image
Electrical characteristics
STM32U535xx
190/278
DS14217 Rev 1
Multi-speed internal (MSI) RC oscillator
Table 81. MSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMSI
MSI frequency
after factory
calibration
VDD = 3 V
TJ = 30 °C
MSI mode
MSI range 0
(MSIRC0)
47.74
48
48.70
MHz
MSI range 1
23.87
24
24.35
MSI range 2
15.91
16
16.23
MSI range 3
11.93
12
12.17
MSI range 4
(MSIRC1)
3.98
4
4.06
MSI range 5
1.99
2
2.03
MSI range 6
1.33
1.33
1.35
MSI range 7
0.99
1
1.01
MSI range 8
(MSIRC2)
3.05
3.08
3.12
MSI range 9
1.53
1.54
1.56
MSI range 10
1.02
1.03
1.04
MSI range 11
0.76
0.77
0.78
MSI range 12
(MSIRC3)
397.68
400
405.71
kHz
MSI range 13
198.84
200
202.86
MSI range 14
132.56
133
135.24
MSI range 15
99.42
100
101.43
PLL
mode(2)
XTAL =
32.768 kHz
MSI range 0
(MSIRC0)
-
48.005
-
MHz
MSI range 1
-
24.003
-
MSI range 2
-
16.002
-
MSI range 3
-
12.001
-
MSI range 4
(MSIRC1)
-3.998
-
MSI range 5
-
1.999
-
MSI range 6
-
1.333
-
MSI range 7
-
0.999
-
MSI range 8
(MSIRC2)
-3.08
-
MSI range 9
-
1.54
-
MSI range 10
-
1.027
-
MSI range 11
-
0.77
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com