Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 193 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 189Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 190Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 191Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 192Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 193Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 194Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 195Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 196Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 278 page
background image
DS14217 Rev 1
193/278
STM32U535xx
Electrical characteristics
253
High-speed internal 48 MHz (HSI48) RC oscillator
IDD(MSI)(3)
MSI oscillator
power
consumption
Continuous
mode(7)
LDO
MSI range 0 to 3
-
21 + 2.5
µA/MHz
-
µA
MSI range 4 to 15
-
19 + 2.5
µA/MHz
-
SMPS(9)
MSI range 0 to 3
-
21 + 1,3
µA/MHz
-
MSI range 4 to 15
-
19 + 1,3
µA/MHz
-
Sampling
mode(8)
LDO
Range 0 to 3
-
3 + 2.5
µA/MHz
-
Range 4 to 15
-
1 +
2.5µA/
MHz
-
SMPS
Range 0 to 3
-
3 + 1
µA/MHz
-
Range 4 to 15
-
1 + 1
µA/MHz
-
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. In PLL mode, the MSI accuracy is the LSE crystal accuracy.
3. Specified by design. Not tested in production.
4. This is a deviation for an individual part once the initial frequency has been measured.
5. The MSI startup time is the time when the four MSIRCs are in power down.
6. This delay is the time to switch from one MSIRC to another one. In case the destination MSIRC is in power down, the total
delay is tsu(MSI) + tswitch(MSI).
7. The MSI is in continuous mode when the internal regulator is in voltage range 1, 2 or 3.
8. The MSI is in sampling mode when MSIBIAS = 1 in RCC_ICSCR1, and the regulator is in voltage range 4, or when the
device is in Stop 1 or Stop 2 mode.
9. SMPS efficiency in range 1, based on VCORE current = 19.4 mA (CoreMark current on VCORE at 160 MHz).
Table 81. MSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 82. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 frequency after factory calibration VDD = 3.0 V, TJ = 30 °C
47.5
48
48.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com