Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 185Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 186Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 187Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 188Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 189Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 190Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 191Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 192Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 278 page
background image
DS14217 Rev 1
189/278
STM32U535xx
Electrical characteristics
253
5.3.8
Internal clock timing characteristics
The parameters given in the table below are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 32. The provided curves
are characterization results, not tested in production.
High-speed internal (HSI16) RC oscillator
Table 80. HSI16 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
HSI16 frequency after factory
calibration
VDD = 3.0 V, TJ = 30 °C
15.92
16
16.08
MHz
fHSI16(1)
TJ = –10 °C to 100 °C,
1.58 ≤ VDD ≤ 3.6 V
15.84
-
16.16
TJ = –40 °C to 130 °C,
1.58 ≤ VDD ≤ 3.6 V
15.65
-
16.25
TRIM(2)
HSI16 user trimming step
-
18
29
40
kHz
DuCy(HSI16)(2) Duty cycle
-
45
-
55
%
tsu(HSI16)(2)
HSI16 oscillator startup time
-
-
2.5
3.6
μs
tstab(HSI16)(2)
HSI16 oscillator stabilization time
At 1% of target frequency
-
4
6
IDD(HSI16)(2)
HSI16 oscillator power consumption
-
-
150
210
μA
1. Evaluated by characterization. Not tested in production. It does not take into account package and soldering effects.
2. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com