Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 188Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 189Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 190Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 191Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 192Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 193Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 194Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 195Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 278 page
background image
Electrical characteristics
STM32U535xx
192/278
DS14217 Rev 1
tsu(MSI)(3)
MSI oscillator
startup time(5)
MSI range 0 to 3
-
-
13
MSIRC0
cycles +
11 MSI
cycles
MSI range 4 to 7
-
-
4
MSIRC1
cycles +
11 MSI
cycles
MSI range 8 to 11
-
-
4
MSIRC2
cycles +
11 MSI
cycles
MSI range 12 to 15
-
-
4
MSIRC3
cycles +
11 MSI
cycles
tswitch(MSI)(3)
MSI oscillator
transition time(6)
--
-
3
destina-
tion MSI
cycles
tstab(MSI)(3)
MSI oscillator
stabilization time
Normal
mode
Continuous
mode(7)
Final frequency
--10
µs
Sampling
mode(8)
-
-
200
PLL mode,
MSIPLL
FAST = 0
All MSI
ranges
1% of final
frequency
--
0.8
ms
PLL mode,
MSIPLL
FAST = 1
All MSI ranges
2
IDD(MSI_OFF
_PLLFAST)
(3)
MSI PLL-mode
oscillator power
consumption
when MSI is
disabled with
PLL accuracy
retention
MSIPLL
EN = 1 and
MSIPLL
FAST = 1
LDO
MSI range 0 to 3
-
6.6
-
µA
MSI range 4 to 7
-
1.6
-
MSI range 8 to 11
-
1.4
-
MSI range 12 to 15
-
0.8
-
SMPS
MSI range 0 to 3
-
4.7
-
MSI range 4 to 7
-
1.4
-
MSI range 8 to 11
-
1.3
-
MSI range 12 to 15
-
0.8
-
Table 81. MSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com