Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6366TCX Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 40Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 41Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 42Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 43Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 44Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 45Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 46Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 47Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
Memory and register map
STM8AF6388
44/116
DocID031156 Rev 1
0x00 50C3
CLK
CLK_CMSR
Clock master status register
0xE1
0x00 50C4
CLK_SWR
Clock master switch register
0xE1
0x00 50C5
CLK_SWCR
Clock switch control register
0xXX
0x00 50C6
CLK_CKDIVR
Clock divider register
0x18
0x00 50C7
CLK_PCKENR1
Peripheral clock gating register 1
0xFF
0x00 50C8
CLK_CSSR
Clock security system register
0x00
0x00 50C9
CLK_CCOR
Configurable clock control register
0x00
0x00 50CA
CLK_PCKENR2
Peripheral clock gating register 2
0xFF
0x00 50CB
Reserved area (1 byte)
0x00 50CC
CLK_HSITRIMR
HSI clock calibration trimming register
0x00
0x00 50CD
CLK_SWIMCCR
SWIM clock control register
0bXXXX
XXX0
0x00 50CE
to 0x00 50D0
Reserved area (3 bytes)
0x00 50D1
WWDG
WWDG_CR
WWDG control register
0x7F
0x00 50D2
WWDG_WR
WWDR window register
0x7F
0x00 50D3 to
0x00 50DF
Reserved area (13 bytes)
0x00 50E0
IWDG
IWDG_KR
IWDG key register
0xXX(2)
0x00 50E1
IWDG_PR
IWDG prescaler register
0x00
0x00 50E2
IWDG_RLR
IWDG reload register
0xFF
0x00 50E3 to
0x00 50EF
Reserved area (13 bytes)
0x00 50F0
AWU
AWU_CSR1
AWU control/status register 1
0x00
0x00 50F1
AWU_APR
AWU asynchronous prescaler buffer
register
0x3F
0x00 50F2
AWU_TBR
AWU timebase selection register
0x00
0x00 50F3
BEEP
BEEP_CSR
BEEP control/status register
0x1F
0x00 50F4 to
0x00 50FF
Reserved area (12 bytes)
Table 12. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com